Electronic Components Datasheet Search
  English  ▼

X  

ADS8324EB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8324EB Datasheet(HTML) 1 Page - Texas Instruments

  ADS8324EB Datasheet HTML 1Page - Texas Instruments ADS8324EB Datasheet HTML 2Page - Texas Instruments ADS8324EB Datasheet HTML 3Page - Texas Instruments ADS8324EB Datasheet HTML 4Page - Texas Instruments ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DESCRIPTION
The ADS8324 is a 14-bit, sampling Analog-to-Digital (A/D)
converter with tested specifications using a 1.8V supply
voltage. It requires very little power, even when operating at
the full 50kHz data rate. At lower data rates, the high speed
of the device enables it to spend most of its time in the
power-down mode—the average power dissipation is less
than 1mW at 10kHz data rate.
The ADS8324 also features a synchronous serial (SPI/SSI
compatible) interface, and a differential input. The refer-
ence voltage can be set to any level within the range of
500mV to VCC/2.
Ultra-low power and small size make the ADS8324 ideal
for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules, simulta-
neous multi-channel systems, and isolated data acquisi-
tion. The ADS8324 is available in an MSOP-8 package.
14-Bit, High Speed, 1.8V MicroPower Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
● BIPOLAR INPUT RANGE
● 1.8V OPERATION
● 50kHz SAMPLING RATE
● MICRO POWER:
5.0mW at 2.7V
2.5mW at 1.8V
● POWER DOWN: 3
μA max
● MSOP-8 PACKAGE
● PIN-COMPATIBLE TO 12-BIT ADS7817
● SERIAL (SPI/SSI) INTERFACE
APPLICATIONS
● BATTERY OPERATED SYSTEMS
● REMOTE DATA ACQUISITION
● ISOLATED DATA ACQUISITION
● SIMULTANEOUS SAMPLING,
MULTI-CHANNEL SYSTEMS
● INDUSTRIAL CONTROLS
● ROBOTICS
● VIBRATION ANALYSIS
SAR
Serial
Interface
Comparator
ADS8324
S/H Amp
DCLOCK
DOUT
CS/SHDN
+In
VREF
–In
CDAC
SBAS172A – AUGUST 2001 – REVISED MARCH 2004
ADS8324
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS8324EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324EB TI-ADS8324EB Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB TI1-ADS8324EB Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250 TI-ADS8324EB/250 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250 TI1-ADS8324EB/250 Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250G4 TI1-ADS8324EB/250G4 Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8324EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com