Electronic Components Datasheet Search
  English  ▼

X  

ADS8324EB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8324EB Datasheet(HTML) 5 Page - Texas Instruments

  ADS8324EB Datasheet HTML 1Page - Texas Instruments ADS8324EB Datasheet HTML 2Page - Texas Instruments ADS8324EB Datasheet HTML 3Page - Texas Instruments ADS8324EB Datasheet HTML 4Page - Texas Instruments ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADS8324
5
SBAS172A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VCC = 1.8V, VREF = 0.9V, fSAMPLE = 50kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
DIFFERENTIAL LINEARITY ERROR vs CODE
2
1
0
–1
2000H
1FFFH
0000H
1000H
3000H
Output Code
INTEGRAL LINEARITY ERROR vs CODE
2
1
0
–1
–2
2000H
1FFFH
0000H
1000H
3000H
Output Code
QUIESCENT CURRENT vs VCC
2.5
2
1.5
1
0.5
0
1.5
4
33.5
22.5
VCC (V)
REFERENCE CURRENT vs TEMPERATURE
10
9
8
7
6
5
4
3
2
1
0
–50
90
30
50
70
–30
–10
10
Temperature (
°C)
SUPPLY CURRENT vs TEMPERATURE
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–50
90
30
50
70
–30
–10
10
Temperature (
°C)
REFERENCE CURRENT vs SAMPLE RATE
10
9
8
7
6
5
4
3
2
1
0
080
40
60
20
Sample Rate (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com