Electronic Components Datasheet Search
  English  ▼

X  

9600 Datasheet(PDF) 1 Page - APEM

Part # 9600
Description  9000 series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

9600 Datasheet(HTML) 1 Page - APEM

  9600 Datasheet HTML 1Page - APEM 9600 Datasheet HTML 2Page - APEM 9600 Datasheet HTML 3Page - APEM 9600 Datasheet HTML 4Page - APEM 9600 Datasheet HTML 5Page - APEM 9600 Datasheet HTML 6Page - APEM 9600 Datasheet HTML 7Page - APEM 9600 Datasheet HTML 8Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
B2-34
APEM
www.apem.com
B2
9000 series
Momentary pushbutton switches
Distinctive features and specifications
MATERIALS
• Case : thermoplastique UL94-V0
• Actuator : polyamide, glass
filled
• Bushing : brass, nickel plated
• Contacts :
A : silver
CD : brass, gold plated
• Terminal seal : epoxy
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- silver contact (A) : 1A 30VDC
- gold plated contacts (CD) : 100mA 30VDC
• Initial contact resistance : 50 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
1.000 Vrms 50 Hz min. between terminals
1.500 Vrms 50 Hz min. between terminals and frame
• Electrical life : 250.000 cycles
GENERAL SPECIFICATIONS
• Total travel :
• Torque : 1,25 Nm (.922 Ft.lb) max. applied to nut
• Operating temperature : -30°C to +65°C
9600-9400-9400Y
9600N-9400N
Functions 3 and 5
Function 2
Function 3
1,3 mm
2 mm
0,9 mm
❑
Two case lengths
❑
Three electrical functions
❑
Sealing options
❑
Model X1146 with Ø 16 (.630) bushing
08-Serie 9400-9600-A_11-Serie 9400-9600-A 21/11/12 15:02 Page34


Similar Part No. - 9600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9600 ETC2-9600 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Keystone Electronics Co...
9600 KEYSTONE-9600 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Sensata Technologies, I...
9600 SENSATA-9600 Datasheet
411Kb / 2P
Spring Return Linear Position Sensor
logo
Keystone Electronics Co...
9600 KEYSTONE-9600 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Presto International UK...
96000 PRESTO-96000 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 9600

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
310-027004-006 APITECH-310-027004-006 Datasheet
59Kb / 1P
Local Oscillator Doubler 4500-9000 MHz
logo
List of Unclassifed Man...
U1145 ETC2-U1145 Datasheet
94Kb / 1P
9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
logo
Coto Technology
9000 COTO-9000 Datasheet
1Mb / 2P
9000 SERIES/MOLDED SIP REED RELAYS
logo
Keysight Technologies
N2808A KEYSIGHT-N2808A Datasheet
3Mb / 13P
PrecisionProbe for the 9000 Series
N5463B KEYSIGHT-N5463B Datasheet
2Mb / 8P
Infiniium 9000 Series Oscilloscopes
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-8949 AVAGO-HEDS-8949 Datasheet
2Mb / 15P
Alignment Kit for AEAT-9000 Encoders
logo
Keysight Technologies
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
Infiniium 9000 Series Oscilloscopes
logo
Molex Electronics Ltd.
638509000 MOLEX-638509000 Datasheet
136Kb / 6P
63850-9000 T2 Terminator
01-26-04
logo
PHOENIX CONTACT
1050364 PHOENIX-1050364 Datasheet
772Kb / 17P
Panel PC - VL2 PPC 9000 EX
Dec 2, 2022
1084510 PHOENIX-1084510 Datasheet
263Kb / 9P
Panel PC - VMT 9000
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com