Electronic Components Datasheet Search
  English  ▼

X  

9600 Datasheet(PDF) 5 Page - APEM

Part # 9600
Description  9000 series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

9600 Datasheet(HTML) 5 Page - APEM

  9600 Datasheet HTML 1Page - APEM 9600 Datasheet HTML 2Page - APEM 9600 Datasheet HTML 3Page - APEM 9600 Datasheet HTML 4Page - APEM 9600 Datasheet HTML 5Page - APEM 9600 Datasheet HTML 6Page - APEM 9600 Datasheet HTML 7Page - APEM 9600 Datasheet HTML 8Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B2-38
APEM
www.apem.com
B2
9000 series
Momentary pushbutton switches
CONTACT MATERIALS
A
Silver
CD
Brass, gold plated
Special contact, lower rating : see X601 under "Special options".
B
Epoxy sealed terminals (standard)
KB
Combined sealings
Epoxy sealed terminals + front panel sealing by two O-rings.
Protects the switch against water and dust.
Panel seal withstands 0,1 bar pressure.
Sealing boots : see section H.
X601
Silver plated brass contacts
Current/voltage rating for an electrical life of 20.000 cycles : 0,5A 30VDC.
Minimum quantity : 5.000 pieces per model and shipment.
X1146
Model with dia. 16 (.630) bushing and metal plunger
See previous page.
SEALING
SPECIAL OPTIONS
➀ O-rings
K
1
Option KB not available on 9400Y model.
08-Serie 9400-9600-A_11-Serie 9400-9600-A 21/11/12 15:02 Page38



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com