Electronic Components Datasheet Search
  English  ▼

X  

9600 Datasheet(PDF) 7 Page - APEM

Part # 9600
Description  9000 series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

9600 Datasheet(HTML) 7 Page - APEM

  9600 Datasheet HTML 1Page - APEM 9600 Datasheet HTML 2Page - APEM 9600 Datasheet HTML 3Page - APEM 9600 Datasheet HTML 4Page - APEM 9600 Datasheet HTML 5Page - APEM 9600 Datasheet HTML 6Page - APEM 9600 Datasheet HTML 7Page - APEM 9600 Datasheet HTML 8Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B2-40
APEM
www.apem.com
B2
9000 series
Alternate action or momentary pushbutton switches
Distinctive features and specifications
MATERIALS
• Case : diallylphthalate
• Actuator : nylon
black for series 9630M
white for series 9631
• Bushing : brass, nickel plated
• Contacts :
A : silver
CD : brass, gold plated
• Terminal seal : epoxy
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load and electrical life :
- silver contacts (A) : 1A 28VDC - 250.000 cycles
3A 28VDC - 10.000 cycles
- gold plated contacts (CD) : 0,4VA 20V max. AC or DC
• Initial contact resistance : 10 mΩ max. at 0,1A 3VDC
• Insulation resistance : 10.000 MΩ min.
• Dielectric strength :
1.000 Vrms 50 Hz min.
GENERAL SPECIFICATIONS
• Operating temperature : -30°C to +85°C
• Travels : see table below.
MODELS
9631
9633M
Total travel
3,48 (.137)
2,79 (.110)
Pre-travel
0,66 (.026)
-
Over travel
2,69 (.106)
0,51 (.020)
❑
Bushing Ø 6,35 (1/4) and 11,9 (15/32)
❑
Two electrical functions
08-Serie 9400-9600-A_11-Serie 9400-9600-A 21/11/12 15:02 Page40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com