Electronic Components Datasheet Search
  English  ▼

X  

9600 Datasheet(PDF) 6 Page - APEM

Part # 9600
Description  9000 series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

9600 Datasheet(HTML) 6 Page - APEM

  9600 Datasheet HTML 1Page - APEM 9600 Datasheet HTML 2Page - APEM 9600 Datasheet HTML 3Page - APEM 9600 Datasheet HTML 4Page - APEM 9600 Datasheet HTML 5Page - APEM 9600 Datasheet HTML 6Page - APEM 9600 Datasheet HTML 7Page - APEM 9600 Datasheet HTML 8Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
APEM
www.apem.com
B2-39
B2
9000 series
Momentary pushbutton switches
DRESS NUTS
U1636
U840
U825
For cap U1140
For cap U480
For cap U630
Chrome plated. Order separately.
CAPS
+ U...
U900
U1140
U1720
U480
U630
U2020
U2430
Cap colours
Replace last
"0" by number
1
blue
1/4 dark blue
2
black
3
green
4
grey
5
yellow
6
red
7
ivory
7/1 white
9
orange
Standard
Square
Square
(.196)
Ø5.00
(.393)
Ø10.00
(.452 SQ)
11.50x11.50
(.322 DIA)
(.500 DIA)
(1/4-40UNS)
Ø12.70
Ø8.20
Ø6.35-40UNS
(.413 DIA)
(.531 DIA)
Ø10.50
Ø13.50
Ø6.35-40UNS
(1/4-40UNS)
(.610 DIA)
(.728 DIA)
Ø18.50
Ø15.50
Ø6.35-40UNS
(1/4-40UNS)
(.452 SQ)
11.50x11.50
(.590 DIA)
Ø15.00
(.314)
Ø8.00
(.370)
Ø9.40
08-Serie 9400-9600-A_11-Serie 9400-9600-A 21/11/12 15:02 Page39



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com