Electronic Components Datasheet Search
  English  ▼

X  

AXON Datasheet(PDF) 3 Page - Coherent Corp

Part # AXON
Description  Compact Ultrafast Laser Sources
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

AXON Datasheet(HTML) 3 Page - Coherent Corp

  AXON Datasheet HTML 1Page - Coherent Corp AXON Datasheet HTML 2Page - Coherent Corp AXON Datasheet HTML 3Page - Coherent Corp AXON Datasheet HTML 4Page - Coherent Corp AXON Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Axon
3
Typical Performance Data
Typical Spectrum: Axon 920
Typical Spectrum: Axon 780
Typical Spectrum: Axon 1064
Typical Autocorrelation: Axon 920
Typical Autocorrelation: Axon 780
Typical Autocorrelation: Axon 1064
880
Wavelength (nm)
890
900
910
920
930
940
950
960
760
Wavelength (nm)
765
770
775
780
785
790
795
800
Delay (ps)
-1.0
-0.5
0.00.5
1.0
Delay (ps)
-1.0
-0.5
0.00.5
1.0
-1.0
Delay (ps)
-0.5
0.00.5
1.0
1035
Wavelength (nm)
1040 1045 1050 1055 1060 1065 1070 1075 1080 1085



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com