Electronic Components Datasheet Search
  English  ▼

X  

AXON Datasheet(PDF) 2 Page - Coherent Corp

Part # AXON
Description  Compact Ultrafast Laser Sources
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

AXON Datasheet(HTML) 2 Page - Coherent Corp

  AXON Datasheet HTML 1Page - Coherent Corp AXON Datasheet HTML 2Page - Coherent Corp AXON Datasheet HTML 3Page - Coherent Corp AXON Datasheet HTML 4Page - Coherent Corp AXON Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Axon
2
Specifications
Axon
Axon
Axon
780-1
780-1
TPC
920-1
920-2
920-1
TPC
920-2
TPC
1064-1
1064-3
1064-1
TPC
1064-3
TPC
Wavelength1 (nm)
780
920
1064
Average Power (mW)
800
700
1200
2500
1000
2000
1200
3500
1000
3200
Pulse Duration2 (fs)
<150
Repetition Rate (MHz)
80 ±1 MHz
Beam Mode
M² <1.2
Beam Asymmetry3,4
0.8 to 1.2
Beam Diameter4 (mm)
1.2 ±0.2
Astigmatism (%)
<25
Power Stability5 (%)
±0.5
Noise6 (%)
<0.25
Polarization
>100:1, Vertical
Dispersion Precom-
pensation7 (fs²)
-8000 to
-23,00010
0 to
-15,000
0 to -88,000
0 to -80,000
0 to -28,000
0 to -21,000
Modulation Rise/Fall
Time8 (ns)
NA
<500
NA
<500
NA
<500
Contrast Ratio9
NA
>1000:1
NA
>1000:1
NA
>1000:1
Mechanical and Environmental Specifications
Laser Head
Dimensions
212 x 318 x 62 mm
(8.35 x 12.52 x 2.44 in.)
Umbilical Length
7 m (22.97 ft.)
Laser Power Supply
Dimensions
3U, 19” rack mount unit
Laser Head Mass
4.5 kg (9.92 lbs)
Operating Temp. Range
19 to 26°C (66 to 79°F)
Non-Operating Temp.
0 to 40°C (32 to 104°F)
Relative Humidity (%)
(0-70%) RH, Non-condensing with dew point <20 degs
Altitude (m ASL)
0 to 2000
Electrical and Control Requirements
Power Requirements
100/240 VAC (50/60 Hz), <500 VA
Control Interface
RS-232 or USB
Synch Output
BNC, 50% duty cycle, 3.5 V into 50
W
Analog Power Control
(V) (optional)
0 to 5
Notes:
1.
Center of mass, ±3 nm.
2.
Assumes sech² deconvolution factor.
3.
Ratio of waist sizes.
4.
Measured at beam waist locations.
5.
Over 2 hours, environment stability ±1°C, after warm-up.
6.
RMS, 10 Hz to 10 MHz.
7.
Adjustable via externally accessible fine adjust. Higher values on request.
8.
5% to 95% power level.
9.
Measured at one meter from output port.
10. Option available for range starting from 0 fs².



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com