Electronic Components Datasheet Search
  English  ▼

X  

AXON Datasheet(PDF) 4 Page - Coherent Corp

Part # AXON
Description  Compact Ultrafast Laser Sources
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

AXON Datasheet(HTML) 4 Page - Coherent Corp

  AXON Datasheet HTML 1Page - Coherent Corp AXON Datasheet HTML 2Page - Coherent Corp AXON Datasheet HTML 3Page - Coherent Corp AXON Datasheet HTML 4Page - Coherent Corp AXON Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Axon
4
212.0 mm
(8.35 in.)
16.0 mm
(0.63 in.)
16.0 mm
(0.63 in.)
28.0 mm
(1.10 in.)
98.0 mm
(3.86 in.)
200.0 mm
(7.87 in.)
114.0 mm
(4.49 in.)
53.0 mm
(2.09 in.)
106.0 mm (4.17 in.)
16.0 mm
(0.63 in.)
74.0 mm
(2.91 in.) 62.0 mm
(2.44 in.)
43.0 mm
(1.69 in.)
318.0 mm (12.51 in.)
225.0 mm (8.86 in.)
225.0 mm (8.86 in.)
114.0 mm (4.49 in.)
2X Ø 6.00
5.00
+0.08
+0.05
4X Ø 2.26 5.00
4-40 UNC 3.50
Typical Performance Data
Far Field Beam Profile: Axon
Axon 100-Hour Power Stability
0
Elapsed Time (hours)
20
40
60
80
100
1.00
1.05
1.10
1.15
1.20
1.25
1.30
Mechanical Specifications
Axon
Top View
Side View
Bottom View
Front View



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com