Electronic Components Datasheet Search
  English  ▼

X  

AXON Datasheet(PDF) 1 Page - Coherent Corp

Part # AXON
Description  Compact Ultrafast Laser Sources
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

AXON Datasheet(HTML) 1 Page - Coherent Corp

  AXON Datasheet HTML 1Page - Coherent Corp AXON Datasheet HTML 2Page - Coherent Corp AXON Datasheet HTML 3Page - Coherent Corp AXON Datasheet HTML 4Page - Coherent Corp AXON Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The Axon series of femtosecond lasers are cost-effective ultrafast sources at discrete wavelengths, that enable
a host of applications in imaging, life sciences, inspection, and nano-processing.
Multiphoton Excitation (MPE) microscopy applications are served by key wavelengths at 780 nm, 920 nm, and
1064 nm, for label-free imaging, and all popular fluorescent proteins and calcium indicators.
All models are equipped with dispersion precompensation to provide the shortest pulses at the sample plane.
Additionally, each version can be fitted with optional Total Power Control (TPC); built-in modulation for fast power
control and flyback blanking.
Integrators benefit from a common, plug-and-play interface with the same form factor for each wavelength.
Systems are totally air-cooled with no maintenance requirements, low cost of ownership, and high lifetimes.
Compact Ultrafast Laser Sources
FEATURES
• Compact and cost-effective
• Maintenance-free for low cost of ownership
• Air-cooled for flexible system integration
• Plug-and-play common interface
• Dispersion precompensation for optimal non-linear
excitation
• Total Power Control (TPC) – optional built-in power
control
• HALT-designed for longest lifetimes and high uptime
Axon
Ultrafast Lasers Oscillators
APPLICATIONS
• Multiphoton Excitation (MPE) Microscopy
• Second Harmonic Generation (SHG) Microscopy
• Two Photon Polymerization
• Nano-Processing
• Semiconductor Metrology
• Supercontinuum Generation
• Terahertz Generation


Similar Part No. - AXON

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
AXON-FL COHERENT-AXON-FL Datasheet
543Kb / 2P
The Gateway to Easy and Versatile Femtosecond Fiber Coupling
logo
Advanced XTAL Products
AXON1000 AXTAL-AXON1000 Datasheet
110Kb / 3P
UHF Low Noise Phase-Locked Oscillator (PLO)
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
AXON2500 AXTAL-AXON2500 Datasheet
114Kb / 3P
SHF Low Noise Phase-Locked Oscillator (PLO)
More results

Similar Description - AXON

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT0H49L SHARP-LT0H49L Datasheet
31Kb / 3P
Compact Hologram Laser
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
logo
Roithner LaserTechnik G...
CW450-05 ROITHNER-CW450-05 Datasheet
404Kb / 2P
compact blue laser diode module
CW520-01 ROITHNER-CW520-01 Datasheet
453Kb / 2P
compact green laser diode module
CW1064-01 ROITHNER-CW1064-01 Datasheet
538Kb / 2P
compact ir dpss laser module
CW1064-05 ROITHNER-CW1064-05 Datasheet
546Kb / 2P
compact ir dpss laser module
RLDH980-200-3 ROITHNER-RLDH980-200-3 Datasheet
423Kb / 2P
compact infrared diode laser module
STAR405F20 ROITHNER-STAR405F20 Datasheet
232Kb / 1P
compact violet laser diode module
STAR450F5 ROITHNER-STAR450F5 Datasheet
334Kb / 1P
compact violet laser diode module
logo
Panasonic Semiconductor
HL-G1 PANASONIC-HL-G1 Datasheet
1Mb / 14P
Compact Laser Displacement Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com