Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3497
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology LT3497 Datasheet HTML 10Page - Linear Technology LT3497 Datasheet HTML 11Page - Linear Technology LT3497 Datasheet HTML 12Page - Linear Technology LT3497 Datasheet HTML 13Page - Linear Technology LT3497 Datasheet HTML 14Page - Linear Technology LT3497 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3498
11
3498f
The LED current can be set by:
I
mV
R
V
I
V
LED
SENSE
LED
CT
≈>
≈
200
15
1
,.
when VCTRL1
R
RL
SENSE
R
V
1
1
625
125
.•
,.
when VCTRL1<
Feedback voltage variation versus control voltage is
given in the Typical Performance Characteristics.
Using a Filtered PWM Signal
A filtered PWM signal can be used to control the bright-
ness of the LED string. The PWM signal is filtered (Figure 4)
by a RC network and fed to the CTRL1 pin.
The corner frequency of R1, C1 should be much lower
than the frequency of the PWM signal. R1 needs to be
much smaller than the internal impedance of the CTRL1
pin which is 10MΩ (typ).
APPLICATIONS INFORMATION— LED DRIVER
Programming LED Current
The feedback resistor (RSENSE1) and the sense voltage
(VCAP1 – VLED1) control the LED current. The CTRL1 pin
controls the sense reference voltage as shown in the
Typical Performance Characteristics. For CTRL1 higher
than 1.5V, the sense reference is 200mV, which results in
full LED current. To have accurate LED current, precision
resistors are preferred (1% is recommended). The formula
and table for RSENSE selection are shown below.
R
mV
I
SENSE
LED
1
200
=
Table 4: RSENSE1 Value Selection for 200mV Sense
ILED (mA)
RSENSE1 (Ω)
540
10
20
15
13.3
20
10
Dimming Control
There are three different types of dimming control circuits.
The LED current can be set by modulating the CTRL1 pin
with a DC voltage, a filtered PWM signal or directly with
a PWM signal.
Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The CTRL1 pin voltage can be modulated to set the dim-
ming of the LED string. As the voltage on the CTRL1 pin
increases from 0V to 1.5V, the LED current increases from
0 to ILED. As the CTRL1 pin voltage increases beyond 1.5V,
it has no effect on the LED current.
Figure 4. Dimming Control Using a Filtered PWM Signal
LT3498
CTRL1
C1
0.1
µF
PWM
10kHz TYP
3498 F04
R1
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com