Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3497
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3497 Datasheet HTML 2Page - Linear Technology LT3497 Datasheet HTML 3Page - Linear Technology LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology LT3497 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3498
6
3498f
TYPICAL PERFORMANCE CHARACTERISTICS
LED Switching Waveforms
LED Transient Response
OLED Switching Waveforms
with No Load
OLED Switching Waveforms
with 4mA Load
OLED Switching Waveforms
with 35mA Load
OLED Switching Waveforms
During Start-Up
PIN FUNCTIONS
LED1 (Pin 1): Connection Point Between the Anode of the
Highest LED and the Sense Resistor. The LED current can
be programmed by:
I
mV
R
LED
SENSE
1
1
200
=
CTRL1 (Pin 2): Dimming and Shutdown Pin. Connect this
pin below 75mV to disable the white LED driver. As the
pin voltage is ramped from 0V to 1.5V, the LED current
ramps from 0 to (ILED1 = 200mV / RSENSE1).
GND1, 2 (Pins 3, 4): Ground. Tie directly to local ground
plane. GND1 and GND2 are connected internally.
CTRL2 (Pin 5): Dimming and Shutdown Pin. Connect it
below 75mV to disable the low noise boost converter.
As the pin voltage is ramped from 0V to 1.5V, the output
ramps up to the programmed output voltage.
FB2 (Pin 6): Feedback Pin. Reference voltage is 1.215V.
There is an internal 182kΩ resistor from FB2 to GND. To
achieve desired output voltage, choose RFB2 according to
the following formula:
R
V
k
FB
OUT
2
2
182
1 215
1
=−
⎛
⎝⎜
⎞
⎠⎟
•
.
Ω
TA = 25°C, unless otherwise specified.
500ns/DIV
VSW
10V/DIV
VCAP1
50mV/DIV
IL
100mA/
DIV
3498 G19
VIN = 3.6V
FRONT PAGE APPLICATION
1ms/DIV
VCAP1
5V/DIV
VCTRL1
5V/DIV
IL
200mA/
DIV
3498 G20
VIN = 3.6V
FRONT PAGE APPLICATION
5
µs/DIV
VOUT2
10mV/DIV
AC COUPLED
SW2 VOLTAGE
10V/DIV
INDUCTOR
CURRENT
50mA/DIV
3498 G21
VIN = 3.6V
VOUT2 = 16V
3498 G22
2
µs/DIV
VOUT2
10mV/DIV
AC
COUPLED
SW2
VOLTAGE
10V/DIV
INDUCTOR
CURRENT
200mA/DIV
VIN = 3.6V
VOUT2 = 16V
3498 G23
500ns/DIV
SW2
VOLTAGE
10V/DIV
VOUT2
10mV/DIV
AC COUPLED
INDUCTOR
CURRENT
200mA/DIV
VIN = 3.6V
VOUT2 = 16V
3498 G24
500
µs/DIV
VOUT2
VOLTAGE
5V/DIV
CAP2
VOLTAGE
5V/DIV
INDUCTOR
CURRENT
100mA/DIV
VIN = 3.6V
VOUT2 = 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com