Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3497
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3497 Datasheet HTML 16Page - Linear Technology LT3497 Datasheet HTML 17Page - Linear Technology LT3497 Datasheet HTML 18Page - Linear Technology LT3497 Datasheet HTML 19Page - Linear Technology LT3497 Datasheet HTML 20Page - Linear Technology LT3497 Datasheet HTML 21Page - Linear Technology LT3497 Datasheet HTML 22Page - Linear Technology LT3497 Datasheet HTML 23Page - Linear Technology LT3497 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3498
24
3498f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0507 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART
NUMBER
DESCRIPTION
COMMENTS
LT1932
Constant-Current, 1.2MHz, High Efficiency White LED
Boost Regulator
VIN: 1V to 10V; VOUT(MAX) = 34V; IQ = 1.2mA; ISD = <1µA; ThinSOT
TM Package
LT1937
Constant-Current, 1.2MHz, High Efficiency White LED
Boost Regulator
VIN: 2.5V to 10V; VOUT(MAX) = 34V; IQ = 1.9µA; ISD = <1µA; ThinSOT and
SC70 Packages
LT3463/
LT3463A
Dual Output, Boost/Inverter, 250mA ISW, Constant
Off-Time, High Efficiency Step-Up DC/DC Converter with
Integrated Schottky Diodes
VIN: 2.3V to 15V; VOUT(MAX) = ±40V; IQ = 40µA; ISD = <1µA; 3mm × 3mm
DFN-10 Package
LT3465/
LT3465A
Constant-Current, 1.2/2.7MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN: 2.3V to 16V; VOUT(MAX) = 40V; IQ = 40µA; ISD = <1µA; 3mm × 3mm
DFN-10 Package
LT3466/
LT3466-1
Dual Constant-Current, 2MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN: 2.3V to 16V; VOUT(MAX) = 40V; IQ = 65µA; ISD = <1µA; 3mm × 2mm
DFN-8 Package
LT3471
Dual Output, Boost/Inverter, 1.3A ISW, 1.2MHZ, High
Efficiency Boost-Inverting DC/DC Converter
VIN: 2.4V to 16V; VOUT(MAX) = ±40V; IQ = 2.5µA; ISD = <1µA; 3mm × 3mm
DFN-10 Package
LT3473/
LT3473A
40V, 1A , 1.2MHz Micropower Low Noise Boost Converter
with Output Disconnect
VIN: 2.2V to 16V; VOUT(MAX) = 36V; IQ = 150µA; ISD = <1µA; 3mm × 3mm
DFN-12 Package
LT3491
Constant-Current, 2.3MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN: 2.5V to 12V; VOUT(MAX) = 27V; IQ = 12.6µA; ISD = <8µA; 2mm × 2mm
DFN-6 and SC70 Packages
LT3494/
LT3494A
40V, 180mA/350mA Micropower Low Noise Boost
Converter with Output Disconnect
VIN: 2.3V to 16V; VOUT(MAX) = 40V; IQ = 65µA; ISD = <1µA; 3mm × 2mm
DFN-8 Package
LT3497
Dual 2.3MHz, Full Function LED Driver with Integrated
Schottky Diode and 250:1 True Color PWM
TM Dimming
VIN: 2.5V to 10V; VOUT(MAX) = 32V; IQ = 6mA; ISD = <12µA; 3mm × 2mm
DFN-10 Package
LT3591
Constant-Current, 1MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode and 80:1
True Color PWM Dimming
VIN: 2.5V to 12V; VOUT(MAX) = 40V; IQ = 4mA; ISD = <9µA; 3mm × 2mm
DFN-8 Package
ThinSot and True Color PWM are trademarks of Linear Technology Corporation
Output Voltage Ripple
vs Load Current
VOUT
RFB2 VALUE REQUIRED
(MΩ)
MAXIMUM OUTPUT
CURRENT AT 3V INPUT
(mA)
25
3.57
12.5
24
3.40
13.4
23
3.24
14.4
22
3.09
15.6
21
2.94
16.8
20
2.80
18.1
19
2.67
19.6
18
2.49
21.2
17
2.37
22.5
16
2.21
24.2
15
2.05
26
LOAD CURRENT (mA)
0.1
4
5
7
10
3
2
1
100
0
1
6
3498 TA06d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com