Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3497
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3497 Datasheet HTML 12Page - Linear Technology LT3497 Datasheet HTML 13Page - Linear Technology LT3497 Datasheet HTML 14Page - Linear Technology LT3497 Datasheet HTML 15Page - Linear Technology LT3497 Datasheet HTML 16Page - Linear Technology LT3497 Datasheet HTML 17Page - Linear Technology LT3497 Datasheet HTML 18Page - Linear Technology LT3497 Datasheet HTML 19Page - Linear Technology LT3497 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3498
16
3498f
Maximum Output Load Current
The maximum output current of a particular LT3498
circuit is a function of several circuit variables. The fol-
lowing method can be helpful in predicting the maximum
load current for a given circuit:
Step 1: Calculate the peak inductor current:
II
V
L
amps
PK
LIMIT
IN
=+
••
–
400 10
9
where ILIMIT is 0.3A for the OLED driver. L is the induc-
tance value in Henrys and VIN is the input voltage to the
boost circuit.
Step 2: Calculate the inductor ripple current:
I
VV
L
amps
RIPPLE
OUT
IN
=
+
()
2
9
1
150 10
–•
•
–
where VOUT2 is the desired output voltage.
If the inductor ripple current is less then the peak current,
then the circuit will only operate in discontinuous conduc-
tion mode. The inductor value should be increased so
that IRIPPLE < IPK. An application circuit can be designed
to operate only in discontinuous mode, but the output
current capability will be reduced.
Step 3: Calculate the average input current:
II
I
amps
IN AVG
PK
RIPPLE
()
–
=
2
Step 4: Calculate the nominal output current:
I
IV
V
amps
OUT NOM
IN AVG
IN
OUT
()
() •• .
=
075
2
Step 5: Derate output current:
IOUT = IOUT(NOM) • 0.7 amps
For low output voltages the output current capability will
be increased. When using output disconnect (load current
taken from VOUT2), these higher currents will cause the
drop in the PMOS switch to be higher resulting in reduced
output current capability than those predicted by the
preceding equations.
Inrush Current
When VIN is stepped from ground to the operating voltage
while the output capacitor is discharged, a higher level of
inrush current will flow through the inductor and integrated
Schottky diode into the output capacitor. Conditions that
increase inrush current include a larger more abrupt voltage
step at VIN, a larger output capacitor tied to the CAP2 pin,
and an inductor with a low saturation current. While the
internal diode is designed to handle such events, the inrush
current should not be allowed to exceed 1A. For circuits
that use output capacitor values within the recommended
range and have input voltages of less than 5V, inrush cur-
rent remains low, posing no hazard to the device. In cases
where there are large steps at VIN (more than 5V) and/or
a large capacitor is used at the CAP2 pin, inrush current
should be measured to ensure safe operation.
APPLICATIONS INFORMATION— OLED DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com