Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 21 Page - Texas Instruments

Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 17Page - Texas Instruments DIR9001 Datasheet HTML 18Page - Texas Instruments DIR9001 Datasheet HTML 19Page - Texas Instruments DIR9001 Datasheet HTML 20Page - Texas Instruments DIR9001 Datasheet HTML 21Page - Texas Instruments DIR9001 Datasheet HTML 22Page - Texas Instruments DIR9001 Datasheet HTML 23Page - Texas Instruments DIR9001 Datasheet HTML 24Page - Texas Instruments DIR9001 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
AUDIO Pin
EMPH Pin
LRCKO
(ExceptI S)
2
AUDIO
LRCKO
(I S)
2
DOUT
0L
Bit1ofPreviousBlock
191R
1L
1R
2L
2R
3L
EMPH
Bit 3ofPreviousBlock
0R
DIR9001-Q1
SLLS843A – JUNE 2007 – REVISED FEBRUARY 2008
This is the output pin for the audio sample word information of the channel-status data bit 1.
Table 8. Audio Sample Word Information
AUDIO
DESCRIPTION
L
Audio sample word represents linear PCM samples.
H
Audio sample word is used for other purposes.
This is the output pin for the emphasis information of the channel-status data bit 3.
Table 9. Pre-Emphasis Information
EMPH
DESCRIPTION
L
Two audio channels without pre-emphasis
H
Two audio channels with 50
µs / 15 µs pre-emphasis
NOTE: The numbers 0 through 191 of DOUT indicate frame numbers of the biphase input.
Figure 14. AUDIO and EMPH Output Timing
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :DIR9001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com