Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 1 Page - Texas Instruments

Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 1 Page - Texas Instruments

  DIR9001 Datasheet HTML 1Page - Texas Instruments DIR9001 Datasheet HTML 2Page - Texas Instruments DIR9001 Datasheet HTML 3Page - Texas Instruments DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
DIR9001-Q1
SLLS843A – JUNE 2007 – REVISED FEBRUARY 2008
96-kHz, 24-Bit Digital Audio Interface Receiver
• Car Audio Head Units
23
• One-Chip Digital Audio Interface Receiver
(DIR) Including Low-Jitter Clock-Recovery
• Car Audio External Amplifiers
System
• Compliant With Digital Audio Interface
Standards: IEC60958 (former IEC958), JEITA
The DIR9001-Q1 is a digital audio interface receiver
CPR-1205 (former EIAJ CP-1201, CP-340),
that can receive a 28-kHz to 108-kHz sampling-
AES3, EBU tech3250
frequency, 24-bit-data-word, biphase-encoded signal.
The DIR9001-Q1 complies with IEC60958-3, JEITA
• Clock Recovery and Data Decode From
CPR-1205 (Revised version of EIAJ CP-1201), AES3,
Biphase Input Signal, Generally Called S/PDIF,
EBUtech3250, and it
can
be
used
in
various
EIAJ CP-1201, IEC60958, AES/EBU
applications that require a digital audio interface.
• Biphase Input Signal Sampling Frequency (f
S)
The DIR9001-Q1 supports many output system clock
Range: 28 kHz to 108 kHz
and output data formats and can be used flexibly in
• Low-Jitter Recovered System Clock: 50 ps
many application systems. As the all functions which
• Jitter Tolerance Compliant With IEC60958-3
the DIR9001-Q1 provides can be controlled directly
through control pins, it can be used easily in an
• Selectable Recovered System Clock: 128 f
S,
application
system
that
does
not
have
a
256 fS, 384 fS, 512 fS
microcontroller. Also, as dedicated pins are provided
• Serial Audio Data Output Formats: 24-Bit I2S;
for
the
channel-status
bit
and
user-data
bit,
MSB-First, 24-Bit Left-Justified; MSB-First 16-,
processing
of
their
information
can
be
easily
24-Bit Right-Justified
accomplished by connecting with a microcontroller,
DSP, etc.
• User Data, Channel-Status Data Outputs
Synchronized With Decoded Serial Audio Data
The DIR9001-Q1 does not require an external clock
• No External Clock Required for Decode
source or resonator for decode operation if the
internal actual-sampling-frequency calculator is not
• Includes Actual Sampling Frequency
used. Therefore, it is possible to reduce the cost of a
Calculator (Needs External 24.576-MHz Clock)
system.
• Function Control: Parallel (Hardware)
The operating temperature range of the DIR9001-Q1
• Functions Similar and Pin Assignments
is specified as –40
°C to 85°C, which makes it
Equivalent to Those of DIR1703
suitable for automotive applications.
• Single Power Supply: 3.3 V (2.7 V to 3.6 V)
• Wide Operating Temperature Range: –40°C to
85
°C
• 5 V-Tolerant Digital Inputs
• Package: 28-pin TSSOP, Pin Pitch: 0,65 mm
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DIR9001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001 TI2-DIR9001 Datasheet
520Kb / 38P
DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
REVISED MAY 2015
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001-Q1 TI2-DIR9001-Q1 Datasheet
520Kb / 38P
DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
REVISED MAY 2015
More results

Similar Description - DIR9001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com