Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 5 Page - Texas Instruments

Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 5 Page - Texas Instruments

  DIR9001 Datasheet HTML 1Page - Texas Instruments DIR9001 Datasheet HTML 2Page - Texas Instruments DIR9001 Datasheet HTML 3Page - Texas Instruments DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
DIR9001-Q1
SLLS843A – JUNE 2007 – REVISED FEBRUARY 2008
TERMINAL FUNCTIONS
TERMINAL
PULL
I/O
REMARKS
DESCRIPTION
UP/DOWN
NAME
NO.
AGND
23
–
Analog ground
AUDIO
1
OUT
CMOS
Channel-status data information of non-audio sample word, active-low
BCKO
11
OUT
CMOS
Audio data bit clock output
BFRAME
18
OUT
CMOS
Indication of top block of biphase input signal
CKSEL
28
IN
Pulldown
5-V tolerant TTL
Selection of system clock source, Low: PLL (VCO) clock, High: XTI clock(1)
CLKST
9
OUT
CMOS
Clock change/transition signal output
COUT
15
OUT
CMOS
Channel-status data serial output synchronized with LRCKO
DGND
6
–
Digital ground
DOUT
12
OUT
CMOS
16-bit/24-bit decoded serial digital audio data output
EMPH
17
OUT
CMOS
Channel-status data information of pre-emphasis (50
µs/15 µs)
ERROR
27
OUT
CMOS
Indication of internal PLL or data parity error
FILT
22
–
External filter connection terminal; must connect recommended filter.
FMT0
25
IN
Pulldown
5-V tolerant TTL
Decoded serial digital audio data output format selection 0 (1)
FMT1
26
IN
Pulldown
5-V tolerant TTL
Decoded serial digital audio data output format selection 1 (1)
FSOUT0
2
OUT
CMOS
Actual sampling frequency calculated result output 0
FSOUT1
3
OUT
CMOS
Actual sampling frequency calculated result output 1
LRCKO
10
OUT
CMOS
Audio data latch enable output
PSCK0
13
IN
Pulldown
5-V tolerant TTL
PLL source SCKO output frequency selection 0 (1)
PSCK1
14
IN
Pulldown
5-V tolerant TTL
PLL source SCKO output frequency selection 1(1)
RST
21
IN
Pullup
5-V tolerant TTL
Reset control input, active-low (2)
RSV
19
IN
Pulldown
Reserved, must be connected to DGND(1)
RXIN
20
IN
5-V tolerant TTL
Biphase digital data input(3)
SCKO
4
OUT
CMOS
System clock output
UOUT
16
OUT
CMOS
User data serial output synchronized with LRCKO
VCC
24
–
Analog power supply, 3.3-V
VDD
5
–
Digital power supply, 3.3-V
CMOS
XTI
8
IN
Oscillation amplifier input, or external XTI source clock input
Schmitt-trigger
XTO
7
OUT
CMOS
Oscillation amplifier output
(1)
TTL Schmitt-trigger input with internal pulldown (51 k
Ω typical), 5-V tolerant
(2)
TTL Schmitt-trigger input with internal pullup (51 k
Ω typical), 5-V tolerant
(3)
TTL Schmitt-trigger input, 5-V tolerant.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :DIR9001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com