Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 7 Page - Texas Instruments

Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 3Page - Texas Instruments DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments DIR9001 Datasheet HTML 10Page - Texas Instruments DIR9001 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
POWER SUPPLY CURRENT
fS − Sampling Frequency − kHz
6
8
10
12
14
16
18
20
30
40
50
60
70
80
90
100
G001
–40
°C
25
°C
–25
°C
0
°C
50
°C
85
°C
VCC = VDD = 3.3 V
SCKO = 256 fS
fS − Sampling Frequency − kHz
6
8
10
12
14
16
18
20
30
40
50
60
70
80
90
100
G002
3 V
3.6 V
3.3 V
2.7 V
TA = 255C
SCKO = 256 fS
RECOVERED SYSTEM CLOCK (SCKO) JITTER
fS − Sampling Frequency − kHz
20
40
60
80
100
120
140
160
180
200
30
40
50
60
70
80
90
100
G003
128 fS
384 fS
256 fS
512 fS
VCC = VDD = 3.3 V
TA = 255C
DIR9001-Q1
SLLS843A – JUNE 2007 – REVISED FEBRUARY 2008
Oscillation amplifier operating with crystal; 1-kHz, 0-dB, sine-wave data; no load
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
LOCKED SAMPLING FREQUENCY
LOCKED SAMPLING FREQUENCY
Figure 1.
Figure 2.
SCKO JITTER
vs
LOCKED SAMPLING FREQUENCY
Figure 3.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :DIR9001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com