Electronic Components Datasheet Search
  English  ▼

X  

FS2500 Datasheet(PDF) 5 Page - Synology Inc.

Part # FS2500
Description  FlashStation FS2500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS2500 Datasheet(HTML) 5 Page - Synology Inc.

  FS2500 Datasheet HTML 1Page - Synology Inc. FS2500 Datasheet HTML 2Page - Synology Inc. FS2500 Datasheet HTML 3Page - Synology Inc. FS2500 Datasheet HTML 4Page - Synology Inc. FS2500 Datasheet HTML 5Page - Synology Inc. FS2500 Datasheet HTML 6Page - Synology Inc. FS2500 Datasheet HTML 7Page - Synology Inc. FS2500 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
Power Button and Indicator
2
Status Indicator
3
Alert Indicator
4
Beep Off Button
5
Drive Status Indicators
6
Drive Trays
7
Power Ports
8
PCI Express Expansion Slot
9
PSU Indicators and Beep Off
Buttons
10 PSU Fans
11 1GbE RJ-45 Ports
12 10GbE RJ-45 Ports
13 Console Port
14 USB 3.2 Gen 1 Ports
15 Reset Button
Technical Specifications
Hardware
CPU
AMD Ryzen™ V1780B quad-core (8-thread) 3.35 GHz, max boost clock up to 3.6 GHz
Hardware encryption
AES-NI
Memory
8 GB DDR4 ECC UDIMM (expandable up to 32 GB)
Compatible drive types
• 12 x 2.5" SATA SSD (drives not included)
• Only drives listed on the compatibility list can be used to create storage pools7
Hot swappable drives
Yes
External ports
2 x USB 3.2 Gen 1 ports
Form factor
Rackmount 1U
Size (HxWxD)
• 44 x 437.5 x 521.9 mm
• 44 x 481.9 x 555.9 mm (with server ears)
Weight
8.3 kg
LAN ports
• 2 x 1GbE RJ-45
• 2 x 10GbE RJ-45
Wake on LAN/WAN
Yes (only on 1GbE ports)
PCIe expansion
• 1 x 8 width slot, Gen 3.0 x4 lanes
• Supports network interface cards3
Scheduled power on/off
Yes
System fans
4 x (40 x 40 x 28 mm)
AC input power voltage
100 V to 240 V AC
Power frequency
50/60 Hz, single phase
Operating temperature
0°C to 35°C (32°F to 95°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
Maximum operating altitude
5,000 m (16,400 ft)
Hardware Overview
Front
Rear
DATASHEET | FlashStation FS2500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com