Electronic Components Datasheet Search
  English  ▼

X  

FS2500 Datasheet(PDF) 6 Page - Synology Inc.

Part # FS2500
Description  FlashStation FS2500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS2500 Datasheet(HTML) 6 Page - Synology Inc.

  FS2500 Datasheet HTML 1Page - Synology Inc. FS2500 Datasheet HTML 2Page - Synology Inc. FS2500 Datasheet HTML 3Page - Synology Inc. FS2500 Datasheet HTML 4Page - Synology Inc. FS2500 Datasheet HTML 5Page - Synology Inc. FS2500 Datasheet HTML 6Page - Synology Inc. FS2500 Datasheet HTML 7Page - Synology Inc. FS2500 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
General DSM Specifications
Networking protocols
SMB, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, and VPN (PPTP, OpenVPN™, L2TP)
File systems
• Internal: Btrfs, ext4
• External: Btrfs, ext4, ext3, FAT32, NTFS, HFS+, exFAT
Supported RAID types
Synology RAID F1, Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID 6, and RAID 10
Storage management
• Maximum single volume size: 108 TB/200 TB8
• Maximum number of system snapshots: 65,5369
• Maximum number of internal volumes: 256
SSD cache
• Read/write cache support
• 2.5" SATA SSD support
File sharing capabilities
• Maximum local user accounts: 16,000
• Maximum local groups: 512
• Maximum shared folders: 512
• Maximum concurrent SMB/NFS/AFP/FTP connections: 2,000 (8,000 with RAM expansion)10
Privileges
Windows® Access Control List (ACL) and application privileges
Directory services
Connects with Windows® AD/LDAP servers enabling domain users to login via SMB/NFS/AFP/FTP/File Station using their
existing credentials
Virtualization
VMware® vSphere™, Microsoft® Hyper-V®, Citrix® XenServer™, OpenStack, and Kubernetes
Security
Firewall, shared folder encryption, SMB encryption, FTP over SSL/TLS, SFTP, rsync over SSH, login auto block, Let's Encrypt
support, and HTTPS (customizable cipher suite)
Supported browsers
Google Chrome®, Firefox®, Microsoft Edge®, Safari® 13 and later, and Safari (iOS 13.0 and later) on iPad, Chrome (Android™
11.0 and later) on tablets
Interface languages
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands, Русский, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Packages and Applications
File Server & Synchronization
Drive
Synchronizes files across Windows®, macOS®, Linux®, Android™ and iOS. The built-in cross-platform portal allows access to
data anytime and anywhere
• Maximum number of hosted files: 50,000,000
• Maximum number of concurrent connections for PC clients: 900
File Station
Provides virtual drives, remote folders, Windows® ACL editor, compression/extraction of archived files, bandwidth control for
specific users/groups, creation of sharing links, and transfer logs
Hybrid Share5
Efficiently synchronizes files across sites by keeping shared data on Synology C2 Storage and streaming files to Synology NAS
worldwide on request. Frequently requested files are cached at each site for low-latency access
FTP Server
Supports bandwidth control for TCP connections, custom FTP passive port ranges, anonymous FTP, FTP over TLS/SSL and
SFTP protocols, network booting with TFTP and PXE support, and transfer logs
Presto File Server11
Enables high-speed data transfer over WAN through the exclusive SITA technology between Synology NAS and desktop
platforms
Cloud Sync
Offers one or two-way synchronization with public cloud storage providers including Alibaba Cloud OSS, Backblaze B2, Baidu
Cloud, Box, Dropbox, Google Cloud Storage, Google Drive, hubiC, MegaDisk, Microsoft OneDrive, OpenStack Swift-compatible
storage, Tencent COS, WebDAV servers and Yandex Disk
Universal Search
Search through files, metadata, and more on your NAS. Integration with Windows Search and macOS Spotlight makes it easy
to find files
Migration Assistant
Migrates data, system setting, and applications seamlessly from one Synology NAS to another to ensure maximum service
availability
SAN Storage & Virtualization
SAN Manager
• Maximum number of iSCSI targets: 256
• Maximum number of LUNs: 512
• LUN Clone/Snapshot, Windows ODX support
Virtual Machine Manager12
Supports running Windows®, Linux®, and Virtual DSM-based virtual machines on Synology NAS
Data Protection & Backup Solution
Hyper Backup
Supports local backup, network backup, and data backup to other servers and public clouds, including C2 Storage
Backup tools
• DSM configuration backup, macOS® Time Machine® support, Synology Drive Client desktop application
• Shared folder sync supports a maximum of 32 tasks
DATASHEET | FlashStation FS2500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com