Electronic Components Datasheet Search
  English  ▼

X  

FS2500 Datasheet(PDF) 1 Page - Synology Inc.

Part # FS2500
Description  FlashStation FS2500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS2500 Datasheet(HTML) 1 Page - Synology Inc.

  FS2500 Datasheet HTML 1Page - Synology Inc. FS2500 Datasheet HTML 2Page - Synology Inc. FS2500 Datasheet HTML 3Page - Synology Inc. FS2500 Datasheet HTML 4Page - Synology Inc. FS2500 Datasheet HTML 5Page - Synology Inc. FS2500 Datasheet HTML 6Page - Synology Inc. FS2500 Datasheet HTML 7Page - Synology Inc. FS2500 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FlashStation
FS2500
DATASHEET | FlashStation FS2500
Highlights
• High Performance
Handles intensive I/O efficiently with over
170,000/82,000 4K random read/write IOPS1
• Flexible Virtualization Storage
Certified support for VMware® vSphere™, Microsoft®
Hyper-V®, Citrix® XenServer™, and OpenStack with
Kubernetes CSI driver
• Convenient Networking Options
Built-in dual 10GbE and dual Gigabit Ethernet ports
offer easy integration with existing environments
• Data and Services Protection
Back up critical data and cut your recovery time
objective with built-in data protection and high
availability tools
• Long-Term Support
Backed by Synology’s 5-year limited warranty2
Efficient All-Flash
Server for I/O-Intensive
Applications
Synology FlashStation FS2500 features 12
bays for 2.5” SATA SSDs in a 1U enclosure. Its
compact form factor and processing power
make it an ideal solution for I/O-intensive
and latency-sensitive applications such as
VM storage and email servers in small to
medium-size deployments. Powered by
Synology DiskStation Manager (DSM), the
FS2500 comes with reliable and easy-to-set-
up solutions for uptime and data protection.


Similar Part No. - FS2500

ManufacturerPart #DatasheetDescription
logo
Power-One
FS2540-7R POWER-ONE-FS2540-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
eupec GmbH
FS25R12KE3G EUPEC-FS25R12KE3G Datasheet
194Kb / 9P
Höchstzulässige Werte / maximum rated values
revision: 3.0 2002-09-03
FS25R12KT3 EUPEC-FS25R12KT3 Datasheet
313Kb / 8P
EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FS25R12KT3 INFINEON-FS25R12KT3 Datasheet
465Kb / 8P
EconoPACK2 Modul mit schnellem Trench
2013-02-27 revision:2.1
FS25R12W1T4 INFINEON-FS25R12W1T4 Datasheet
444Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com