Electronic Components Datasheet Search
  English  ▼

X  

FS2500 Datasheet(PDF) 7 Page - Synology Inc.

Part # FS2500
Description  FlashStation FS2500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS2500 Datasheet(HTML) 7 Page - Synology Inc.

  FS2500 Datasheet HTML 1Page - Synology Inc. FS2500 Datasheet HTML 2Page - Synology Inc. FS2500 Datasheet HTML 3Page - Synology Inc. FS2500 Datasheet HTML 4Page - Synology Inc. FS2500 Datasheet HTML 5Page - Synology Inc. FS2500 Datasheet HTML 6Page - Synology Inc. FS2500 Datasheet HTML 7Page - Synology Inc. FS2500 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Snapshot Replication
• Maximum number of snapshots for shared folders: 1,024
• Maximum number of replications: 64
Synology High Availability
Reduces service downtime by combining two identical NAS into a high-availability cluster
Active Backup for Business
An all-in-one backup solution designed for heterogeneous business IT environments. It enables IT admins to remotely
manage and protect PCs, servers, and VMs from one centralized console
Active Backup for Google
Workspace
Supports backup and restoration of Google Workspace My Drive, Team Drive, Gmail, Contacts, and Calendar
Active Backup for Microsoft 365 Supports backup and restoration of Microsoft 365 OneDrive for Business, Outlook, Contacts, and Calendar
Productivity & Collaboration
Collaboration tools
Collaborate with instant messaging service Synology Chat, online documents editor Synology Office, and scheduling assistant
Synology Calendar
• Maximum users for Chat: 4,000
• Maximum users for Office: 2,900
• Calendar supports CalDAV and access via mobile devices
Note Station
A note taking platform that supports rich text, note organization and versioning, encryption, sharing, media embedding, and
attachments
Synology MailPlus Server6
A secure, reliable, and private mail solution featuring high-availability, load balancing, security, and filtering options
Synology MailPlus
An intuitive webmail interface for Synology MailPlus Server with configurable mail labels, filters, and user interface
Surveillance
Surveillance Station13
Maximum IP cameras: 100, for a total of 3,000 FPS at 720p (H.264)
Management & Administration
Synology Directory Server
Provides a flexible and cost-effective domain controller solution
Central Management System
Provides a single interface to manage and monitor multiple Synology NAS
VPN Server
• Maximum connections: 60
• Supported VPN protocols: PPTP, OpenVPN™, L2TP/IPSec
Active Insight
Gain useful intelligence, including health statistics of all NAS deployments across multiple sites and actionable advice to solve
any issues, on a centralized cloud-hosted management platform
Storage Analyzer
Displays volume and quota usage, total size of files, volume usage and trends based on past usage, size of shared folders,
large files, most recently modified files, and least recently accessed files
Antivirus Essential
Provides full system scans, scheduled scans, white list customization, and auto-update of virus definitions
Web Station
Enables hosting for up to 30 websites with support for PHP/MariaDB® and 3rd-party applications
Other packages
DNS Server, RADIUS Server, and Log Center
Others
iOS/Android™ applications
Synology Drive, Synology MailPlus, Synology Secure SignIn, Synology Chat, Synology LiveCam, Synology Active Insight, DS
cam, DS file, DS finder, and DS note
Other packages
Additional 3rd-party packages are available in the Package Center
Environment and Packaging
Environment safety
RoHS compliant
Package contents
• 1 x FS2500 main unit
• 1 x Quick Installation Guide
• 1 x Accessory pack
• 2 x AC power cord
Optional accessories14
• DDR4 ECC UDIMM: D4EU01-8G / D4EU01-16G
• 10GbE Network Interface Cards: E10G21-F2 / E10G18-T2 / E10G18-T1
• 25GbE Network Interface Card: E25G21-F2
• 2.5" SATA SSD: SAT5200 / SAT5210
• MailPlus License Pack6
• Surveillance Device License Pack13
• Virtual DSM License Pack12
• Sliding Rail Kit: RKS-01
Warranty
5 years2
Note: Model specifications are subject to change without notice. Please refer to
www.synology.com for the latest information.
1. Performance figures are obtained through internal testing by Synology. Actual performance may vary depending on the testing environment, usage, and
configuration. See
performance charts for more information.
2. The warranty period starts from the date of purchase as stated on your purchase receipt. Visit
https://www.synology.com/company/legal/warranty for more
DATASHEET | FlashStation FS2500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com