Electronic Components Datasheet Search
  English  ▼

X  

F1150 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1150
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1150 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1150 Datasheet HTML 4Page - Renesas Technology Corp F1150 Datasheet HTML 5Page - Renesas Technology Corp F1150 Datasheet HTML 6Page - Renesas Technology Corp F1150 Datasheet HTML 7Page - Renesas Technology Corp F1150 Datasheet HTML 8Page - Renesas Technology Corp F1150 Datasheet HTML 9Page - Renesas Technology Corp F1150 Datasheet HTML 10Page - Renesas Technology Corp F1150 Datasheet HTML 11Page - Renesas Technology Corp F1150 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
8
RevO, Feb 2013
F1100
DATASHEET
TYPICAL OPERATING CONDITIONS (-4-)
RF-IF Leakage vs. TCASE
RF-IF Leakage vs. LO Level
3RF X 3LO Rejection vs. VCC
RF-IF Leakage vs. VCC
3RF X 3LO Rejection vs. TCASE
3RF X 3LO Rejection vs. LO Level
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
650
700
750
800
850
900
950
RF Freq (MHz)
-40 degC / 5.00 V / 0 dBm / 350 MHz
-40 degC / 5.00 V / 0 dBm / 450 MHz
25 degC / 5.00 V / 0 dBm / 350 MHz
25 degC / 5.00 V / 0 dBm / 450 MHz
100 degC / 5.00 V / 0 dBm / 350 MHz
100 degC / 5.00 V / 0 dBm / 450 MHz
PIN = -10 dBm
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
650
700
750
800
850
900
950
RF Freq (MHz)
25 degC / 5.00 V / 6 dBm / 350 MHz
25 degC / 5.00 V / 6 dBm / 450 MHz
25 degC / 5.00 V / 0 dBm / 350 MHz
25 degC / 5.00 V / 0 dBm / 450 MHz
25 degC / 5.00 V / -3 dBm / 350 MHz
25 degC / 5.00 V / -3 dBm / 450 MHz
PIN = -10 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
650
700
750
800
850
900
950
RF Freq (MHz)
25 degC / 5.25 V / 0 dBm / 350 MHz
25 degC / 5.25 V / 0 dBm / 450 MHz
25 degC / 5.00 V / 0 dBm / 350 MHz
25 degC / 5.00 V / 0 dBm / 450 MHz
25 degC / 4.75 V / 0 dBm / 350 MHz
25 degC / 4.75 V / 0 dBm / 450 MHz
PIN = -10 dBm
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
650
700
750
800
850
900
950
RF Freq (MHz)
25 degC / 5.25 V / 0 dBm / 350 MHz
25 degC / 5.25 V / 0 dBm / 450 MHz
25 degC / 5.00 V / 0 dBm / 350 MHz
25 degC / 5.00 V / 0 dBm / 450 MHz
25 degC / 4.75 V / 0 dBm / 350 MHz
25 degC / 4.75 V / 0 dBm / 450 MHz
PIN = -10 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
650
700
750
800
850
900
950
RF Freq (MHz)
-40 degC / 5.00 V / 0 dBm / 350 MHz
-40 degC / 5.00 V / 0 dBm / 450 MHz
25 degC / 5.00 V / 0 dBm / 350 MHz
25 degC / 5.00 V / 0 dBm / 450 MHz
100 degC / 5.00 V / 0 dBm / 350 MHz
100 degC / 5.00 V / 0 dBm / 450 MHz
PIN = -10 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
650
700
750
800
850
900
950
RF Freq (MHz)
25 degC / 5.00 V / 6 dBm / 350 MHz
25 degC / 5.00 V / 6 dBm / 450 MHz
25 degC / 5.00 V / 0 dBm / 350 MHz
25 degC / 5.00 V / 0 dBm / 450 MHz
25 degC / 5.00 V / -3 dBm / 350 MHz
25 degC / 5.00 V / -3 dBm / 450 MHz
PIN = -10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com