Electronic Components Datasheet Search
  English  ▼

X  

F1150 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1150
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1150 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1150 Datasheet HTML 1Page - Renesas Technology Corp F1150 Datasheet HTML 2Page - Renesas Technology Corp F1150 Datasheet HTML 3Page - Renesas Technology Corp F1150 Datasheet HTML 4Page - Renesas Technology Corp F1150 Datasheet HTML 5Page - Renesas Technology Corp F1150 Datasheet HTML 6Page - Renesas Technology Corp F1150 Datasheet HTML 7Page - Renesas Technology Corp F1150 Datasheet HTML 8Page - Renesas Technology Corp F1150 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
2
RevO, Feb 2013
F1100
DATASHEET
ABSOLUTE MAXIMUM RATINGS
VCC to GND
-0.3V to +5.5V
STBY
-0.3V to (VCC_ + 0.3V)
IF_A+, IF_B+, IF_A-, IF_B-, LO1_ADJ, LO2_ADJ
-0.3V to (VCC_ + 0.3V)
LO_IN, LO_IN_ALT, RF_A, RF_B
-0.3V to +0.3V
IF_BiasA, IF_BiasB to GND
-0.3V to +0.3V
RF Input Power (RF_A, RF_B)
+20dBm
Continuous Power Dissipation
2.2W
θJA (Junction – Ambient)
+35°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+2.5°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +100°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s) .
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com