Electronic Components Datasheet Search
  English  ▼

X  

F1150 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1150
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1150 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1150 Datasheet HTML 10Page - Renesas Technology Corp F1150 Datasheet HTML 11Page - Renesas Technology Corp F1150 Datasheet HTML 12Page - Renesas Technology Corp F1150 Datasheet HTML 13Page - Renesas Technology Corp F1150 Datasheet HTML 14Page - Renesas Technology Corp F1150 Datasheet HTML 15Page - Renesas Technology Corp F1150 Datasheet HTML 16Page - Renesas Technology Corp F1150 Datasheet HTML 17Page - Renesas Technology Corp F1150 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
17
RevO, Feb 2013
F1100
DATASHEET
EVKIT BOM
For Normal Operation, Make sure the LCMODE jumper is open and that the dual jumpers are set to the outer
position.
TOPMARKINGS
F1100 PCB Rev 5 BOM Rev 02
Item # Value
Size
Desc
Mfr. Part #
Mfr.
Part Reference
Qty
1
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C1,5,6,9,12,13,16
7
2
1000pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MURATA
C2,3,14,15
4
3
150pF
0402
CAP CER 150PF 50V C0G 0402
GRM1555C1H151JA01D
MURATA
C8,10,11
3
4
150pF
C7
1
5
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D
MURATA
C4
1
6
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
JP1,2,3
3
7
Header 3 Pin
TH 3
CONN HEADER VERT SGL 3POS GOLD
961103-6404-AR
3M
JP4,5,6,7
4
8
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (Small)
142-0711-821
Emerson Johnson
J1,2,7
3
9
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (Big)
142-0701-851
Emerson Johnson
J3,4,5,6
4
10
270nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-271XJLB
COILCRAFT
L1,2,3,4
4
11
20
0402
RES 20 OHM 1/10W 1% 0402 SMD
ERJ-2RKF27R0X
Panasonic
R11,15
2
12
40.2
0402
RES 40.2 OHM 1/10W 1% 0402 SMD
ERJ-2RKF40R2X
Panasonic
R13
1
13
1.21K
0402
RES 1.21K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1211X
Panasonic
R17
1
14
47K
0402
RES 47.0K OHM 1/16W 1% 0402 SMD
RC0402FR-0747KL
Yageo
R8,9
2
15
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
R1,2,3,4,5,6,7,10
8
16
4:1 Balun
SM-22 4:1 Center Tap Balun
TC4-6TG2+
Mini Circuits
T1,2
2
17
F1100
QFN-36 DUAL RF MIXER
F1100NBGI
IDT
U1
1
18
PCB
EV Kit
F11XX EV Kit Rev 05
1
Total
52
NOTE: C7 and C11 cannot be installed together. C7 for Pin27 LO feed. C11 for Pin19 LO feed
IDTF1100
NBGI
YC1208A
Q60A030M
●
Lot Code
Date Code: [xxYYWWx]
(Work Week 08 of 2012)
Part Number
NOTE: Production Devices
are DateCode 1208 or later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com