Electronic Components Datasheet Search
  English  ▼

X  

F1150 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1150
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1150 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1150 Datasheet HTML 7Page - Renesas Technology Corp F1150 Datasheet HTML 8Page - Renesas Technology Corp F1150 Datasheet HTML 9Page - Renesas Technology Corp F1150 Datasheet HTML 10Page - Renesas Technology Corp F1150 Datasheet HTML 11Page - Renesas Technology Corp F1150 Datasheet HTML 12Page - Renesas Technology Corp F1150 Datasheet HTML 13Page - Renesas Technology Corp F1150 Datasheet HTML 14Page - Renesas Technology Corp F1150 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
11
RevO, Feb 2013
F1100
DATASHEET
TYPICAL OPERATING CONDITIONS [General] (-7-)
IP3O vs. ∆
∆
∆
∆f (T
A = 25C, Freq = 850 MHz, IF = 350 MHz)
EVkit Input RF Trace Loss (TA = 25C)
EVkit IF Port Match (TA = 25C)
IP3O vs. PIN (TA = 25C, Freq = 850 MHz, IF = 350 MHz)
TC4-6T Transformer Loss
EVkit RF & LO Port Match (TA = 25C)
20
25
30
35
40
45
50
0.8
2.8
4.8
6.8
8.8
10.8
12.8
14.8
IP3 (lower sideband) - ChA
IP3 (lower sideband) - ChB
IP3 (upper sideband) - ChA
IP3 (upper sideband) - ChB
Tone Spacing (KHz)
-0.4
-0.3
-0.2
-0.1
0.0
650
700
750
800
850
900
950
RF Freq (MHz)
RF Freq (MHz)
RF Freq (MHz)
RF Freq (MHz)
RF Freq (MHz)
-30
-25
-20
-15
-10
-5
0
0
50
100
150
200
250
300
350
400
450
500
550
IF Frequency (MHz)
IF_A
IF_B
20
25
30
35
40
45
50
-14
-12
-10
-8
-6
-4
-2
IP3 (lower sideband) - ChA
IP3 (lower sideband) - ChB
IP3 (upper sideband) - ChA
IP3 (upper sideband) - ChB
RF input Power (dBm)
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0
50
100
150
200
250
300
350
400
450
500
IF Frequency (MHz)
25 degC
-40 degC
85 degC
-30
-25
-20
-15
-10
-5
0
600
700
800
900
1000
1100
1200
1300
1400
Frequency (MHz)
LO
RF_A
RF_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com