Electronic Components Datasheet Search
  English  ▼

X  

DS89C21 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS89C21
Description  DS89C21 Differential CMOS Line Driver and Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS89C21 Datasheet(HTML) 2 Page - Texas Instruments

  DS89C21 Datasheet HTML 1Page - Texas Instruments DS89C21 Datasheet HTML 2Page - Texas Instruments DS89C21 Datasheet HTML 3Page - Texas Instruments DS89C21 Datasheet HTML 4Page - Texas Instruments DS89C21 Datasheet HTML 5Page - Texas Instruments DS89C21 Datasheet HTML 6Page - Texas Instruments DS89C21 Datasheet HTML 7Page - Texas Instruments DS89C21 Datasheet HTML 8Page - Texas Instruments DS89C21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS89C21
SNLS091C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
7V
Driver Input Voltage (DI)
−1.5V to VCC + 1.5V
Driver Output Voltage (DO, DO *)
−0.5V to +7V
Receiver Input Voltage—V CM
(RI, RI*)
±14V
Differential Receiver Input
±14V
Voltage—VDIFF (RI, RI
*)
Receiver Output Voltage (RO)
−0.5V to VCC +0.5V
Receiver Output Current (RO)
±25 mA
Storage Temperature Range
(TSTG)
−65°C to +150°C
Lead Temperature (TL)
+260°C
(Soldering 4 sec.)
Maximum Junction Temperature
150°C
Maximum Package Power Dissipation @+25°C
D Package
714 mW
Derate D Package
5.7 mW/°C above +25°C
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The tables of Electrical Characteristics specify conditions for device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
ESD Rating: HBM (1.5 k
Ω, 100 pF) all pins ≥ 2000V.EIAJ (0Ω, 200 pF) ≥ 250V
Recommended Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
4.50
5.50
V
Operating Temperature (TA)
−40
+85
°C
Input Rise or Fall Time (DI)
500
ns
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS89C21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com