Electronic Components Datasheet Search
  English  ▼

X  

DS89C21 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS89C21
Description  DS89C21 Differential CMOS Line Driver and Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS89C21 Datasheet(HTML) 1 Page - Texas Instruments

  DS89C21 Datasheet HTML 1Page - Texas Instruments DS89C21 Datasheet HTML 2Page - Texas Instruments DS89C21 Datasheet HTML 3Page - Texas Instruments DS89C21 Datasheet HTML 4Page - Texas Instruments DS89C21 Datasheet HTML 5Page - Texas Instruments DS89C21 Datasheet HTML 6Page - Texas Instruments DS89C21 Datasheet HTML 7Page - Texas Instruments DS89C21 Datasheet HTML 8Page - Texas Instruments DS89C21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS89C21
www.ti.com
SNLS091C – JUNE 1998 – REVISED APRIL 2013
DS89C21 Differential CMOS Line Driver and Receiver Pair
Check for Samples: DS89C21
1
FEATURES
DESCRIPTION
The DS89C21 is a differential CMOS line driver and
2
•
Meets TIA/EIA-422-A (RS-422) and CCITT V.11
receiver pair, designed to meet the requirements of
Recommendation
TIA/EIA-422-A
(RS-422)
electrical
characteristics
•
LOW POWER Design—15 mW Typical
interface standard. The DS89C21 provides one driver
•
Guaranteed AC Parameters:
and one receiver in a minimum footprint. The device
is offered in an 8-pin SOIC package.
–
Maximum Driver Skew 2.0 ns
The CMOS design minimizes the supply current to 6
–
Maximum Receiver Skew 4.0 ns
mA, making the device ideal for use in battery
•
Extended Temperature Range:
−40°C to
powered or power conscious applications.
+85°C
The driver features a fast transition time specified at
•
Available in SOIC Packaging
2.2 ns, and a maximum differential skew of 2 ns
•
Operates over 20 Mbps
making the driver ideal for use in high speed
•
Receiver OPEN Input Failsafe Feature
applications operating above 10 MHz.
The receiver can detect signals as low as 200 mV,
and also incorporates hysteresis for noise rejection.
Skew is specified at 4 ns maximum.
The DS89C21 is compatible with TTL and CMOS
levels (DI and RO).
Connection Diagram
See Package Number D (R-PDSO-G8)
Truth Table Driver
Input
Outputs
DI
DO
DO*
H
H
L
L
L
H
Truth Table Receiver
Inputs
Output
RI–RI*
RO
VDIFF ≥ +200 mV
H
VDIFF ≤ −200 mV
L
OPEN(1)
H
(1)
Non-terminated
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS89C21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
DS89C21TM NSC-DS89C21TM Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS89C21TM TI1-DS89C21TM Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS89C21TM/NOPB TI1-DS89C21TM/NOPB Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS89C21TMX TI1-DS89C21TMX Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
More results

Similar Description - DS89C21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com