Electronic Components Datasheet Search
  English  ▼

X  

DS89C21 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS89C21
Description  DS89C21 Differential CMOS Line Driver and Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS89C21 Datasheet(HTML) 3 Page - Texas Instruments

  DS89C21 Datasheet HTML 1Page - Texas Instruments DS89C21 Datasheet HTML 2Page - Texas Instruments DS89C21 Datasheet HTML 3Page - Texas Instruments DS89C21 Datasheet HTML 4Page - Texas Instruments DS89C21 Datasheet HTML 5Page - Texas Instruments DS89C21 Datasheet HTML 6Page - Texas Instruments DS89C21 Datasheet HTML 7Page - Texas Instruments DS89C21 Datasheet HTML 8Page - Texas Instruments DS89C21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS89C21
www.ti.com
SNLS091C – JUNE 1998 – REVISED APRIL 2013
Electrical Characteristics
(1) (2)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
VIH
Input Voltage HIGH
2.0
VCC
V
VIL
Input Voltage LOW
DI
GND
0.8
V
IIH, IIL
Input Current
V IN = VCC, GND, 2.0V, 0.8V
0.05
±10
μA
VCL
Input Clamp Voltage
I IN = −18 mA
−1.5
V
VOD1
Unloaded Output Voltage
No Load
DO,
4.2
6.0
V
DO*
VOD2
Differential Output Voltage
R L = 100Ω
2.0
3.0
V
ΔVOD2
Change in Magnitude of V OD2
5.0
400
mV
for Complementary Output States
VOD3
Differential Output Voltage
R L = 150Ω
2.1
3.1
V
VOD4
Differential Output Voltage
R L = 3.9 kΩ
4.0
6.0
V
VOC
Common Mode Voltage
R L = 100Ω
2.0
3.0
V
ΔVOC
Change in Magnitude of V OC
2.0
400
mV
for Complementary Output States
IOSD
Output Short Circuit Current
V OUT = 0V
−30
−115
−150
mA
IOFF
Output Leakage Current
VCC = 0V
VOUT = +6V
0.03
+100
μA
VOUT = −0.25V
−0.08
−100
μA
RECEIVER CHARACTERISTICS
VTL, VTH
Differential Thresholds
V IN = +7V, 0V, −7V
RI,
−200
±25
+200
mV
RI*
VHYS
Hysteresis
V CM = 0V
20
50
mV
RIN
Input Impedance
V IN = −7V, +7V, Other = 0V
5.0
9.5
k
Ω
IIN
Input Current
Other Input = 0V,
VIN = +10V
+1.0
+1.5
mA
VCC = 5.5V and
VIN = +3.0V
0
+0.22
mA
VCC = 0V
VIN = +0.5V
−0.04
mA
VIN = −3V
0
−0.41
mA
VIN = −10V
−1.25
−2.5
mA
VOH
Output HIGH Voltage
IOH = −6 mA
VDIFF = +1V
RO
3.8
4.9
V
VDIFF = OPEN
3.8
4.9
V
VOL
Output LOW Voltage
I OL = +6 mA, VDIFF = −1V
0.08
0.3
V
IOSR
Output Short Circuit Current
V OUT = 0V
−25
−85
−150
mA
DRIVER AND RECEIVER CHARACTERISTICS
ICC
Supply Current
No Load
DI = VCC or GND
VCC
3.0
6
mA
DI = 2.4V or 0.5V
3.8
12
mA
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified.
(2)
All typicals are given for VCC = 5.0V and T A = 25°C.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS89C21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com