Electronic Components Datasheet Search
  English  ▼

X  

DS89C21 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS89C21
Description  DS89C21 Differential CMOS Line Driver and Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS89C21 Datasheet(HTML) 4 Page - Texas Instruments

  DS89C21 Datasheet HTML 1Page - Texas Instruments DS89C21 Datasheet HTML 2Page - Texas Instruments DS89C21 Datasheet HTML 3Page - Texas Instruments DS89C21 Datasheet HTML 4Page - Texas Instruments DS89C21 Datasheet HTML 5Page - Texas Instruments DS89C21 Datasheet HTML 6Page - Texas Instruments DS89C21 Datasheet HTML 7Page - Texas Instruments DS89C21 Datasheet HTML 8Page - Texas Instruments DS89C21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS89C21
SNLS091C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Switching Characteristics
(1) (2)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
tPLHD
Propagation Delay LOW to HIGH
RL = 100Ω
(Figure 2 Figure 3)
2
4.9
10
ns
tPHLD
Propagation Delay HIGH to LOW
CL = 50 pF
2
4.5
10
ns
tSKD
Skew, |tPLHD–t PHLD|
0.4
2.0
ns
tTLH
Transition Time LOW to HIGH
(Figure 2 Figure 4)
2.2
9
ns
tTHL
Transition Time HIGH to LOW
2.1
9
ns
RECEIVER CHARACTERISTICS
tPLH
Propagation Delay LOW to HIGH
CL = 50 pF
(Figure 5 Figure 6)
6
18
30
ns
tPHL
Propagation Delay HIGH to LOW
VDIFF = 2.5V
6
17.5
30
ns
tSK
Skew, |tPLH–t PHL|
VCM = 0V
0.5
4.0
ns
tr
Rise Time
(Figure 7)
2.5
9
ns
tf
Fall Time
2.1
9
ns
(1)
All typicals are given for VCC = 5.0V and T A = 25°C.
(2)
f = 1 MHz, tr and tf ≤ 6 ns.
Parameter Measurement Information
Figure 1. VOD and VOC Test Circuit
f = 1 MHz, tr and tf
≤ 6 ns.
Figure 2. Driver Propagation Delay Test Circuit
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS89C21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com