Electronic Components Datasheet Search
  English  ▼

X  

MPC8360E Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
63
HDLC, BISYNC, Transparent, and Synchronous UART
Figure 45 provides the AC test load for the UTOPIA.
Figure 45. UTOPIA AC Test Load
Figure 46 and Figure 47 represent the AC timing from Table 56. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 46 shows the UTOPIA timing with external clock.
Figure 46. UTOPIA AC Timing (External Clock) Diagram
Figure 47 shows the UTOPIA timing with internal clock.
Figure 47. UTOPIA AC Timing (Internal Clock) Diagram
19 HDLC, BISYNC, Transparent, and Synchronous UART
This section describes the DC and AC electrical specifications for the high level data link control (HDLC),
BiSync, transparent, and synchronous UART protocols of the MPC8360E/58E.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
UtopiaCLK (input)
tUEIXKH
tUEIVKH
tUEKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUEKHOX
UtopiaCLK (output)
tUIIXKH
tUIKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUIIVKH
tUIKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com