Electronic Components Datasheet Search
  English  ▼

X  

MPC8360E Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
82
Freescale Semiconductor
Package and Pin Listings
UART1_SIN/
M1SRCID[1]/
M2SRCID[1]/
LSRCID[1]
B34
I/O
OVDD
UART1_CTS/
M1SRCID[2]/
M2SRCID[2]/
LSRCID[2]
C34
I/O
OVDD
UART1_RTS/
M1SRCID[3]/
M2SRCID[3]/
LSRCID[3]
A35
O
OVDD
I2C Interface
IIC1_SDA
D34
I/O
OVDD
2
IIC1_SCL
B35
I/O
OVDD
2
IIC2_SDA
E33
I/O
OVDD
2
IIC2_SCL
C35
I/O
OVDD
2
QUICCTM Engine
CE_PA[0]
F8
I/O
LVDD0
CE_PA[1:2]
AH1, AG5
I/O
OVDD
CE_PA[3:7]
F6, D4, C3, E5, A3
I/O
LVDD0
CE_PA[8]
AG3
I/O
OVDD
CE_PA[9:12]
F7, B3, E6, B4
I/O
LVDD0
CE_PA[13:14]
AG1, AF6
I/O
OVDD
CE_PA[15]
B2
I/O
LVDD0
CE_PA[16]
AF4
I/O
OVDD
CE_PA[17:21]
B16, A16, E17, A17, B17
I/O
LVDD1
CE_PA[22]
AF3
I/O
OVDD
CE_PA[23:26]
C18, D18, E18, A18
I/O
LVDD1
CE_PA[27:28]
AF2, AE6
I/O
OVDD
CE_PA[29]
B19
I/O
LVDD1
CE_PA[30]
AE5
I/O
OVDD
CE_PA[31]
F16
I/O
LVDD1
CE_PB[0:27]
AE2, AE1, AD5, AD3, AD2, AC6, AC5, AC4, AC2, AC1,
AB5, AB4, AB3, AB1, AA6, AA4, AA2, Y6, Y4, Y3, Y2,
Y1, W6, W5, W2, V5, V3, V2
I/O
OVDD
CE_PC[0:1]
V1, U6
I/O
OVDD
CE_PC[2:3]
C16, A15
I/O
LVDD1
CE_PC[4:6]
U4, U3, T6
I/O
OVDD
CE_PC[7]
C19
I/O
LVDD2
CE_PC[8:9]
A4, C5
I/O
LVDD0
Table 67. MPC8358E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com