Electronic Components Datasheet Search
  English  ▼

X  

MPC8360E Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
68
Freescale Semiconductor
Package and Pin Listings
Figure 51 provide the AC test load for the USB.
Figure 51. USB AC Test Load
21 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8360E/58E is
available in a tape ball grid array (TBGA), see Section 21.1, “Package Parameters for the TBGA Package
and Section 21.2, “Mechanical Dimensions of the TBGA Package,” for information on the package.
21.1
Package Parameters for the TBGA Package
The package parameters for rev 2.0 silicon are as provided in the following list. The package type is 37.5
mm
× 37.5 mm, 740 tape ball grid array (TBGA).
Package outline
37.5 mm
× 37.5 mm
Interconnects
740
Pitch
1.00 mm
Module height (typical)
1.46 mm
Solder Balls
62 Sn/36 Pb/2 Ag (ZU package)
95.5 Sn/0.5 Cu/4Ag (VV package)
Ball diameter (typical)
0.64 mm
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com