Electronic Components Datasheet Search
  English  ▼

X  

MPC8360E Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
84
Freescale Semiconductor
Package and Pin Listings
Power and Ground Signals
AVDD1K35
Power for
LBIU DLL
(1.2 V)
AVDD1
AVDD2K36
Power for
CE PLL
(1.2 V)
AVDD2
AVDD5
AM29
Power for
e300 PLL
(1.2 V)
AVDD5
AVDD6K37
Power for
system
PLL (1.2
V)
AVDD6
GND
A2, A8, A13, A19, A22, A25, A31, A33, A36, B7, B12,
B24, B27, B30, C4, C6, C9, C15, C26, C32, D3, D8, D11,
D14, D17, D19, D23, D27, E7, E13, E25, E30, E36, F4,
F37, G34, H1, H5, H32, H33, J4, J32, J37, K1, L3, L5,
L33, L34, M1, M34, M35, N37, P2, P5, P35, P36, R4, T3,
U1, U5, U35, V37, W1, W4, W33, W36, Y34, AA3, AA5,
AC3, AC32, AC35, AD1, AD37, AE4, AE34, AE36, AF33,
AG4, AG6, AG32, AH35, AJ1, AJ4, AJ32, AJ35, AJ37,
AK36, AL3, AL34, AM4, AN6, AN23, AN30, AP8, AP12,
AP14, AP16, AP17, AP20, AP25, AR6, AR8, AR9, AR19,
AR24, AR31, AR35, AR37, AT4, AT10, AT19, AT20,
AT25, AU14, AU22, AU28, AU35
——
GVDD
AD4, AE3, AF1, AF5, AF35, AF37, AG2, AG36, AH33,
AH34, AK5, AM1, AM35, AM37, AN2, AN10, AN11,
AN12, AN14, AN32, AN36, AP5, AP23, AP28, AR1, AR7,
AR10, AR12, AR21, AR25, AR27, AR33, AT15, AT22,
AT28, AT33, AU2, AU5, AU16, AU31, AU36
Power for
DDR
DRAM
I/O
Voltage
(2.5 V or
1.8 V)
GVDD
LVDD0
D5, D6
Power for
UCC1
Ethernet
Interface
(2.5V,
3.3V)
LVDD0
LVDD1
C17, D16
Power for
UCC2
Ethernet
Interface
option 1
(2.5V,
3.3V)
LVDD19
Table 67. MPC8358E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com