Electronic Components Datasheet Search
  English  ▼

X  

INA116 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA116
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA116 Datasheet(HTML) 2 Page - Texas Instruments

  INA116 Datasheet HTML 1Page - Texas Instruments INA116 Datasheet HTML 2Page - Texas Instruments INA116 Datasheet HTML 3Page - Texas Instruments INA116 Datasheet HTML 4Page - Texas Instruments INA116 Datasheet HTML 5Page - Texas Instruments INA116 Datasheet HTML 6Page - Texas Instruments INA116 Datasheet HTML 7Page - Texas Instruments INA116 Datasheet HTML 8Page - Texas Instruments INA116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
INA116
2
SPECIFICATIONS
AT TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
INA116P, U
INA116PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
Initial
TA = +25°C
±0.5 ±0.5/G
±2 ±2/G
T
±5 ±5/G
mV
vs Temperature
TA = TMIN to TMAX
See Typical Curve
T
vs Power Supply
VS = ±4.5V to ±18V
±10 ±15/G
±50 ±100/G
T
±100 ±200/G
µV/V
Long-Term Stability
±1 ±5/G
T
µV/mo
Bias Current
±3
±25
T
±100
fA
vs Temperature
See Typical Curve
T
Offset Current
±1
±25
T
±100
fA
vs Temperature
See Typical Curve
T
Impedance, Differential
>1015/0.2
T
Ω/pF
Common-Mode
>1015/7
T
Ω/pF
Common-Mode Voltage Range
(V+)–4
(V+)–2
TT
V
(V–)+4
(V–)+2.4
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±11V, ∆RS = 1kΩ
G = 1
80
89
73
T
dB
G = 10
84
92
78
T
dB
G = 100
86
94
80
T
dB
VCM = ±5V, G = 1000
86
94
80
T
dB
NOISE
Voltage Noise, RTI
G = 1000, RS = 0Ω
f = 1kHz
28
T
nV/
√Hz
fB = 0.1Hz to 10Hz
2
T
µVp-p
Current Noise
f = 1kHz
0.1
T
fA/
√Hz
GAIN
Gain Equation
1+(50k
Ω/R
G)
T
V/V
Range of Gain
1
1000
TT
V/V
Gain Error
G = 1
±0.01
±0.05
T
0.1
%
G = 10
±0.25
±0.4
T
±0.5
%
G = 100
±0.35
±0.5
T
±0.7
%
G = 1000
±1.25
T
%
Gain vs Temperature(1)
G = 1
±5
±10
T
±20
ppm/
°C
50k
Ω Resistance(1)(2)
±25
±100
T
±100
ppm/
°C
Nonlinearity
G = 1
±0.0005
±0.005
T
±0.01
% of FSR
G = 10
±0.001
±0.005
T
±0.01
% of FSR
G = 100
±0.001
±0.005
T
±0.01
% of FSR
G = 1000
±0.005
T
% of FSR
GUARD OUTPUTS
Offset Voltage
±15
±50
TT
mV
Output Impedance
650
T
Ω
Current Drive
+2/–0.05
T
mA
OUTPUT
Voltage Positive
RL = 10kΩ
(V+) –1
(V+) –0.7
TT
V
Negative
RL = 10kΩ
(V–) +0.35
(V–) +0.2
TT
V
Load Capacitance Stability
1000
T
pF
Short-Circuit Current
+5/–12
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 1
800
T
kHz
G = 10
500
T
kHz
G = 100
70
T
kHz
G = 1000
7
T
kHz
Slew Rate
G = 10 to 200
0.8
T
V/
µs
Settling Time, 0.01%
10V Step, G = 1
22
T
µs
G = 10
25
T
µs
G = 100
145
T
µs
G = 1000
400
T
µs
Output Overload Recovery
50% Overdrive
20
T
µs
POWER SUPPLY
Voltage Range
±4.5
±15
±18
TT
T
V
Current
VIN = 0V
±1
±1.4
TT
mA
TEMPERATURE RANGE
Specification
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
80
T
°C/W
T Specification same as INA116P
NOTE: (1) Guaranteed by wafer test. (2) Temperature coefficient of the “50k
Ω” term in the gain equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com