Electronic Components Datasheet Search
  English  ▼

X  

INA116 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA116
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA116 Datasheet(HTML) 5 Page - Texas Instruments

  INA116 Datasheet HTML 1Page - Texas Instruments INA116 Datasheet HTML 2Page - Texas Instruments INA116 Datasheet HTML 3Page - Texas Instruments INA116 Datasheet HTML 4Page - Texas Instruments INA116 Datasheet HTML 5Page - Texas Instruments INA116 Datasheet HTML 6Page - Texas Instruments INA116 Datasheet HTML 7Page - Texas Instruments INA116 Datasheet HTML 8Page - Texas Instruments INA116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
®
5
INA116
INPUT OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
INPUT OVER-VOLTAGE V/I CHARACTERISTICS
4
3
2
1
0
–1
–2
–3
–4
Input Voltage (V)
–40
–30
–20
–10
0
10
20
30
40
G = 1000V/V
G = 1000V/V
G = 1V/V
G = 1V/V
INPUT REFERRED NOISE vs FREQUENCY
Frequency (Hz)
110
1k
100
10k
1k
100
10
10k
G = 1V/V
G = 10V/V
G = 1000V/V
Bandwidth Limit
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
G
≥ 10
G
≥ 10
G = 1
G = 1
VD/2
–
+
–
+
V
CM
V
O
VD/2
INA116
Ref
–15V
+15V
G = 1
G = 1
OFFSET VOLTAGE WARM-UP
15
10
5
0
–5
–10
–15
G = 1
G = 1
Time After Power Supply Turn-On (s)
0
5
10
15
20
25
G
≥ 10
G
≥ 10
QUIESCENT CURRENT AND SLEW RATE
vs TEMPERATURE
Temperature (°C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1.4
1.2
1.0
0.8
0.6
0.4
–75
–50
–25
I
Q
SR
0
25
50
75
100
125
7
0.5
6
38
1
2
17 18
24
1
19
40
4
4
G = 100
G = 10
G = 1
0
204060
80
26
5
9
20
12
9
0.5
3
2
15
14
0.5
0.5
–80
–60
–40
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com