Electronic Components Datasheet Search
  English  ▼

X  

INA116 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA116
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA116 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA116 Datasheet HTML 4Page - Texas Instruments INA116 Datasheet HTML 5Page - Texas Instruments INA116 Datasheet HTML 6Page - Texas Instruments INA116 Datasheet HTML 7Page - Texas Instruments INA116 Datasheet HTML 8Page - Texas Instruments INA116 Datasheet HTML 9Page - Texas Instruments INA116 Datasheet HTML 10Page - Texas Instruments INA116 Datasheet HTML 11Page - Texas Instruments INA116 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
®
9
INA116
INPUT CONNECTIONS
Some applications must make high impedance input connec-
tions to external sensors or input connectors. To assure low
leakage, the input should be guarded all the way to the signal
source—see Figure 5. Coaxial cable can be used with the
shield driven by the guard. A separate connection is required
to provide a ground reference at the signal source. Triaxial
cable may reduce noise pickup and provides the ground
reference at the source. Drive the inner shield at guard
potential and ground the outer shield. Two separate guarded
lines are required if both the inverting and non-inverting
inputs are brought to the source.
The guard drive output current is limited to approximately
+2mA/–50
µA. For slow input signals the internal guard
output can directly drive a cable shield. With fast input
signals, however, the guard may not provide sufficient
output current to rapidly charge the cable capacitance. An op
amp buffer may be required as shown in Figure 6.
FIGURE 7. pH or Ion Measurement System.
FIGURE 6. Buffered Guard Drive.
V
IN
1M
Ω
+
V
IN
–
Two coaxial cables and ground
Two triaxial cables
V
High-Z
Source
1M
Ω
V
High-Z
Source
V
IN
+
V
IN
–
FIGURE 5. Input Cable Guarding Circuits.
OPA131
Cable
V
IN
Op amp buffer helps
guard cables with
fast input signals—
see text.
Circuit Board
Guard
150
Ω
INA116
6
3
1
16
5.62k
Ω
13
8
9
11
V
O
G = 10
+15
–15
Solution
Ground
Sample
Electrode
Reference
Electrode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com