Electronic Components Datasheet Search
  English  ▼

X  

INA116 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA116
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA116 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA116 Datasheet HTML 4Page - Texas Instruments INA116 Datasheet HTML 5Page - Texas Instruments INA116 Datasheet HTML 6Page - Texas Instruments INA116 Datasheet HTML 7Page - Texas Instruments INA116 Datasheet HTML 8Page - Texas Instruments INA116 Datasheet HTML 9Page - Texas Instruments INA116 Datasheet HTML 10Page - Texas Instruments INA116 Datasheet HTML 11Page - Texas Instruments INA116 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
INA116
8
FIGURE 2. Optional Trimming of Output Offset Voltage.
INPUT BIAS CURRENT RETURN PATH
Input circuitry must provide an input bias current path for
proper operation. Figure 3 shows resistors R1 and R2 to
provide an input current path. Without these resistors, the
inputs would eventually float to a potential that exceeds the
common-mode range of the INA116 and the input amplifiers
would saturate. Because of its exceedingly low input bias
current, improperly biased inputs may operate normally for
a period of time after power is first applied, or operate
intermittently.
CIRCUIT BOARD LAYOUT AND ASSEMBLY
Careful circuit board layout and assembly techniques are
required to achieve the exceptionally low input bias current
performance of the INA116. Guard terminals adjacent to
both inputs make it easy to properly guard the critical input
terminal layout. Since traces are not required to run between
device pins, this layout is easily accomplished, even with the
surface mount package. The guards should completely en-
circle their respective input connections—see Figure 4. Both
sides of the circuit board should be guarded, even if only one
side has an input terminal conductor. Route any time-
varying signals away from the input terminals. Solder mask
should not cover the input and guard traces since this can
increase leakage.
FIGURE 3. Providing An Input Bias Current Path.
FIGURE 4. Circuit Board Guard Layout.
After assembly, the circuit board should be cleaned. Com-
mercial solvents should be chosen according to the soldering
method and flux used. Solvents should be cleaned and
replaced often. Solvent cleaning should be followed by a de-
ionized water rinse and 85
°C bake out.
Sockets can be used, but select and evaluate them carefully
for best results. Use caution when installing the INA116 in
a socket. Careless handling can contaminate the plastic near
the input pins, dramatically increasing leakage current.
A proven low leakage current assembly method is to bend
the input pins outward so they do not contact the circuit
board. Input connections are made in air and soldered
directly to the input pin. This technique is often not practical
or production-worthy. It is, however, a useful technique for
evaluation and testing and provides a benchmark with which
to compare other wiring techniques. The circuit board guard-
ing techniques discussed normally reduce leakage to accept-
able levels.
A solid mechanical assembly is required for good results.
Nearby plastic parts can be especially troublesome since a
static charge can develop and the slightest motion or vibra-
tion will couple charge to the inputs. Place a Faraday shield
around the whole amplifier and input connection assembly
to eliminate stray fields.
INA116
100M
Ω
R
1
100M
Ω
R
2
V
O
V
O
INA116
100M
Ω
R
2
100M
Ω
R
1
100M
Ω
100M
Ω
Polarizing
Voltage
Capacitive
Sensor
Crystal or
Ceramic
Transducer
Guard Top and
Bottom of Circuit Board.
INA116
V
IN
V
IN
R
G
–
+
10k
Ω(1)
V
O
OPA131
Ref
±10mV
Adjustment Range
100
Ω(1)
100
Ω(1)
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
NOTE: (1) For wider trim range required
in high gains, scale resistor values larger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com