Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 13
Electrical Characteristics
Freescale Semiconductor
28
2.5.6
DSI Timing
The timings in the following sections are based on a 20 pF capacitive load.
2.5.6.1 DSI Asynchronous Mode
Table 18. DSI Asynchronous Mode Timing
No.
Characteristics
Min
Max
Unit
100
Attributes1 set-up time before strobe (HWBS[n]) assertion
1.5
—
ns
101
Attributes1 hold time after data strobe deassertion
1.3
—
ns
102
Read/Write data strobe deassertion width:
•
DCR[HTAAD] = 1
— Consecutive access to the same DSI
— Different device with DCR[HTADT] = 01
— Different device with DCR[HTADT] = 10
— Different device with DCR[HTADT] = 11
•
DCR[HTAAD] = 0
1.8 + TREFCLK
5 + TREFCLK
5 + (1.5
× TREFCLK)
5 + (2.5
× TREFCLK)
1.8 + TREFCLK
—
ns
ns
ns
ns
ns
103
Read data strobe deassertion to output data high impedance
—
8.5
ns
104
Read data strobe assertion to output data active from high impedance
2.0
—
ns
105
Output data hold time after read data strobe deassertion
2.2
—
ns
106
Read/Write data strobe assertion to HTA active from high impedance
2.2
—
ns
107
Output data valid to HTA assertion
3.2
—
ns
108
Read/Write data strobe assertion to HTA valid2
•1.1 V core
•1.2 V core
—
—
7.4
6.7
ns
ns
109
Read/Write data strobe deassertion to output HTA high impedance.
(DCR[HTAAD] = 0, HTA at end of access released at logic 0)
—6.5
ns
110
Read/Write data strobe deassertion to output HTA deassertion.
(DCR[HTAAD] = 1, HTA at end of access released at logic 1)
—6.5
ns
111
Read/Write data strobe deassertion to output HTA high impedance.
(DCR[HTAAD] = 1, HTA at end of access released at logic 1
•
DCR[HTADT] = 01
•
DCR[HTADT] = 10
•
DCR[HTADT] = 11
—
5 + TREFCLK
5 + (1.5
× TREFCLK)
5 + (2.5
× TREFCLK)
ns
ns
ns
112
Read/Write data strobe assertion width
1.8 + TREFCLK
—ns
201
Host data input set-up time before write data strobe deassertion
1.0
—
ns
202
Host data input hold time after write data strobe deassertion
•1.1 V core
•1.2 V core
1.7
1.5
—
—
ns
ns
Notes:
1.
Attributes refers to the following signals: HCS, HA[11–29], HCID[0–4], HDST, HRW, HRDS, and HWBSn.
2.
This specification is tested in dual-strobe mode. Timing in single-strobe mode is guaranteed by design.
3.
All values listed in this table are tested or guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com