Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 13
Hardware Design Considerations
Freescale Semiconductor
42
3.3
Connectivity Guidelines
Unused output pins can be disconnected, and unused input pins should be connected to the non-active value, via resistors to
VDDH or GND, except for the following:
•
If the DSI is unused (DDR[DSIDIS] is set), HCS and HBCS must pulled up and all the rest of the DSI signals can be
disconnected.
•
When the DSI uses synchronous mode, HTA must be pulled up. In asynchronous mode, HTA should be pulled either
up or down, depending on design requirements.
•
HDST
can be disconnected if the DSI is in big-endian mode, or if the DSI is in little-endian mode and the
DCR[DSRFA] bit is set.
•
When the DSI is in 64-bit data bus mode and DCR[BEM] is cleared, pull up HWBS[1–3]/HDBS[1–3]/HWBE[1–3]/
HDBE[1–3]
and HWBS[4–7]/HDBS[4–7]/HWBE[4–7]/HDBE[4–7]/PWE[4–7]/PSDDQM[4–7]/PBS[4–7].
•
When the DSI is in 32-bit data bus mode and DCR[BEM] is cleared, HWBS[1–3]/HDBS[1–3]/HWBE[1–3]/HDBE[1–3]
must be pulled up.
•
When the DSI is in asynchronous mode, HBRST and HCLKIN should either be disconnected or pulled up.
•
When the DSI uses sliding window address mode (DCR[SLDWA] = 1), the external HA[11–13] signals must be
connected (tied) to the correct voltage levels so that the host can perform the first access to the DCR. After reset, the
DSI expects full address mode (DCR[SLDWA] = 0). The DCR address in the DSI memory map is 0x1BE000, which
requires the following connections:
— HA11 must be pulled high (1)
— HA12 must be pulled high (1)
— HA13 must be pulled low (0)
•
The following signals must be pulled up: HRESET, SRESET, ARTRY, TA, TEA, PSDVAL, and AACK.
•
In single-master mode (BCR[EBM] = 0) with internal arbitration (PPC_ACR[EARB] = 0):
— BG, DBG, and TS can be left unconnected.
— EXT_BG[2–3], EXT_DBG[2–3], and GBL can be left unconnected if they are multiplexed to the system bus
functionality. For any other functionality, connect the signal lines based on the multiplexed functionality.
— BR must be pulled up.
— EXT_BR[2–3] must be pulled up if multiplexed to the system bus functionality.
•
If there is an external bus master (BCR[EBM] = 1):
— BR, BG, DBG, and TS must be pulled up.
— EXT_BR[2–3], EXT_BG[2–3], and EXT_DBG[2–3] must be pulled up if multiplexed to the system bus
functionality.
•
In single-master mode, ABB and DBB can be selected as IRQ inputs and be connected to the non-active value. In other
modes, they must be pulled up.
Note:
The MSC8126 does not support DLL-enabled mode. For the following two clock schemes, ensure that the DLL is
disabled (that is, the DLLDIS bit in the Hard Reset Configuration Word is set).
•
If no system synchronization is required (for example, the design does not use SDRAM), you can use any of the
available clock modes.
•In the CLKIN synchronization mode, use the following connections:
— Connect the oscillator output through a buffer to CLKIN.
— Connect the CLKIN buffer output to the slave device (for example, SDRAM) making sure that the delay path
between the clock buffer to the MSC8126 and the SDRAM is equal (that is, has a skew less than 100 ps).
— Valid clock modes in this scheme are: 0, 7, 15, 19, 21, 23, 28, 29, 30, and 31.
•In CLKOUT synchronization mode (for 1.2 V devices), CLKOUT is the main clock to SDRAM. Use the following
connections:
— Connect the oscillator output through a buffer to CLKIN.
— Connect CLKOUT through a zero-delay buffer to the slave device (for example, SDRAM) using the following
guidelines:
–
The maximum delay between the slave and CLKOUT must not exceed 0.7 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com