Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Hardware Design Considerations
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 13
Freescale Semiconductor
43
–
The maximum load on CLKOUT must not exceed 10 pF.
–
Use a zero-delay buffer with a jitter less than 0.3 ns.
— All clock modes are valid in this clock scheme.
Note:
See the Clock chapter in the MSC8122 Reference Manual for details.
•
If the 60x-compatible system bus is not used and SIUMCR[PBSE] is set, PPBS can be disconnected. Otherwise, it
should be pulled up.
•
The following signals: SWTE, DSISYNC, DSI64, MODCK[1–2], CNFGS, CHIPID[0–3], RSTCONF and BM[0–2] are
used to configure the MSC8126 and are sampled on the deassertion of the PORESET signal. Therefore, they should
be tied to GND or VDDH or through a pull-down or a pull-up resistor until the deassertion of the PORESET signal.
•
When they are used, INT_OUT (if SIUMCR[INTODC] is cleared), NMI_OUT, and IRQxx (if not full drive) signals must
be pulled up.
•
When the Ethernet controller is enabled and the SMII mode is selected, GPIO10 and GPIO14 must not be connected
externally to any signal line.
Note:
For details on configuration, see the MSC8126 User’s Guide and MSC8126 Reference Manual. For additional
information, refer to the MSC8126 Design Checklist (AN2903).
3.4
External SDRAM Selection
The external bus speed implemented in a system determines the speed of the SDRAM used on that bus. However, because of
differences in timing characteristics among various SDRAM manufacturers, you may have use a faster speed rated SDRAM to
assure efficient data transfer across the bus. For example, for 166 MHz operation, you may have to use 183 or 200 MHz
SDRAM. Always perform a detailed timing analysis using the MSC8126 bus timing values and the manufacturer specifications
for the SDRAM to ensure correct operation within your system design. The output delay listed in SDRAM specifications is
usually given for a load of 30 pF. Scale the number to your specific board load using the typical scaling number provided by
the SDRAM manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com