Electronic Components Datasheet Search
  English  ▼

X  

MSC8126 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MSC8126
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MSC8126 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8126 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Electrical Characteristics
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 13
Freescale Semiconductor
15
2.4
DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC8126. The measurements in Table 5 assume the
following system conditions:
•TA = 25 °C
•
VDD =
— 400 MHz = 1.14–1.26 VDC
— 500 MHz = 1.16–1.24 VDC
•
VDDH = 3.3 V ± 5% VDC
•
GND
= 0 VDC
Note:
The leakage current is measured for nominal VDDH and VDD.
Table 5. DC Electrical Characteristics
Characteristic
Symbol
Min
Typical
Max
Unit
Input high voltage1, all inputs except CLKIN
VIH
2.0
—
3.465
V
Input low voltage1
VIL
GND
0
0.4
V
CLKIN input high voltage
VIHC
2.4
3.0
3.465
V
CLKIN input low voltage
VILC
GND
0
0.4
V
Input leakage current, VIN = VDDH
IIN
–1.0
0.09
1
µA
Tri-state (high impedance off state) leakage current, VIN = VDDH
IOZ
–1.0
0.09
1
µA
Signal low input current, VIL = 0.4 V
2
IL
–1.0
0.09
1
µA
Signal high input current, VIH = 2.0 V
2
IH
–1.0
0.09
1
µA
Output high voltage, IOH = –2 mA,
except open drain pins
VOH
2.0
3.0
—
V
Output low voltage, IOL= 3.2 mA
VOL
—0
0.4
V
VCCSYN PLL supply current
IVCCSYN
—2
4
mA
Internal supply current:
•
Wait mode
•
Stop mode
IDDW
IDDS
—
—
3753
2903
—
—
mA
mA
Typical power 400 MHz at 1.2 V4
P
—
1.15
—
W
Notes:
1.
See Figure 5 for undershoot and overshoot voltages.
2.
Not tested. Guaranteed by design.
3.
Measured for 1.2 V core at 25°C junction temperature.
4.
The typical power values were measured using an EFR code with the device running at a junction temperature of 25°C. No
peripherals were enabled and the ICache was not enabled. The source code was optimized to use all the ALUs and AGUs and
all four cores. It was created using CodeWarrior® 2.5. These values are provided as examples only. Power consumption is
application dependent and varies widely. To assure proper board design with regard to thermal dissipation and maintaining
proper operating temperatures, evaluate power consumption for your application and use the design guidelines in Chapter 4 of
this document and in MSC8102, MSC8122, and MSC8126 Thermal Management Design Guidelines (AN2601).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com