Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6232
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6232 Datasheet HTML 4Page - Linear Technology LT6232 Datasheet HTML 5Page - Linear Technology LT6232 Datasheet HTML 6Page - Linear Technology LT6232 Datasheet HTML 7Page - Linear Technology LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology LT6232 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6401-20
8
640120f
TIME (ns)
–100
0
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
100
200
300
400
500
640120 G22
70
40
60
–10
20
30
50
10
0
RL = 87.5Ω PER OUTPUT
+OUT
–OUT
ICC
ENABLE
TIME (ns)
–100
0
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
100
200
300
400
500
640120 G21
70
40
60
–10
20
30
50
10
0
RL = 87.5Ω PER OUTPUT
+OUT
–OUT
ICC
ENABLE
0
50
100
150
200
FREQUENCY (MHz)
640120 G20
70
60
50
40
20
10
30
0
UNFILTERED NO RL
UNFILTERED 200
Ω RL
FILTERED NO RL
DIFFERENTIAL INPUT
VOUT = 2VP-P COMPOSITE
(NOTE 7)
TYPICAL PERFORMANCE CHARACTERISTICS
Equivalent Output Third Order
Intercept vs Frequency
Turn-On Time
Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com