Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6232
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology LT6232 Datasheet HTML 12Page - Linear Technology LT6232 Datasheet HTML 13Page - Linear Technology LT6232 Datasheet HTML 14Page - Linear Technology LT6232 Datasheet HTML 15Page - Linear Technology LT6232 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6401-20
14
640120f
VERSION
IC
R3
R4
T1
SL1
SL2
SL3
-G
LTC6401CUD-20
OPEN
OPEN
MINI-CIRCUITS TCM4-19 (1:4)
6dB
20dB
14dB
T1
(2)
T3
TCM 4-19
1:4
T4
TCM 4-19
1:4
640120 TA03
R10
86.6
Ω
R8
(1)
R7
(1)
R9
86.6
Ω
C3
0.1
μF
C4
0.1
μF
C1
0.1
μF
C2
0.1
μF
LTC6401-20
VOCM
V+
V+
V–
V–
V+
VCC
VCC
V–
ENABLE
+IN
+IN
–IN
–IN
–OUT
+OUTF
–OUTF
+OUT
ENABLE
DIS
12
11
10
9
1234
5
6
7
8
16
15
14
13
SL1
(2)
SL2
(2)
J2
–IN
J1
+IN
J5
–OUT
SL3
(2)
J4
+OUT
C22
0.1
μF
C21
0.1
μF
C18
0.1
μF
C13
0.1
μF
C17
1000pF
R16
0
Ω
TP2
VCC
2.85V TO 3.5V
13
2 JP1
VCC
VCC
VCC
C12
1000pF
C9
1000pF
C10
0.1
μF
C15
1
μF
VCC
C14
4.7
μF
C7
0.1
μF
R4
(2)
1
3
2
3
1
2
5
4
4
5
TP5
VOCM
R2
(1)
R1
0
Ω
R3
(2)
J6
TEST IN
C19
0.1
μF
1
3
2
5
4
C20
0.1
μF
R21
(1)
R22
(1)
R20
1k
R19
1.5k
R14
(1)
R13
0
Ω
C6
0.1
μF
C5
0.1
μF
C24
0.1
μF
C23
0.1
μF
J7
TEST OUT
NOTE: UNLESS OTHERWISE SPECIFIED.
(1) DO NOT STUFF.
(2)
SL = SIGNAL LEVEL
3
1
2
4
5
TP3
GND
R17
0
Ω
R25
0
Ω
R18
0
Ω
R26
0
Ω
R12
0
Ω
R11
(1)
R24
(1)
R6
0
Ω
R5
(1)
0dB
T2
TCM 4-19
1:4
TYPICAL APPLICATION
Demo Circuit 987B Schematic (Test Circuit A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com