Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6232
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6232 Datasheet HTML 2Page - Linear Technology LT6232 Datasheet HTML 3Page - Linear Technology LT6232 Datasheet HTML 4Page - Linear Technology LT6232 Datasheet HTML 5Page - Linear Technology LT6232 Datasheet HTML 6Page - Linear Technology LT6232 Datasheet HTML 7Page - Linear Technology LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6401-20
6
640120f
TIME (ns)
0
2.5
0.5
1.0
2.0
1.5
0
50
100
150
200
640120 G10
–OUT
+OUT
RL = 87.5Ω PER OUTPUT
TIME (ns)
0
5
4
3
2
1
–4
–3
–2
–1
–5
0
123
5
4
6
640120 G11
RL = 87.5Ω PER OUTPUT
0
5
10
15
20
TIME (ns)
2.5
0.5
1.0
2.0
1.5
0
640120 G09
–OUT
+OUT
RL = 87.5Ω PER OUTPUT
TIME (ns)
0
1.35
1.20
1.25
1.30
1.15
510
15
20
640120 G08
–OUT
+OUT
RL = 87.5Ω PER OUTPUT
FREQUENCY (MHz)
10
15
10
2
4
12
14
6
8
0
11
3
5
13
7
9
1
6
4
2
0
100
1000
640120 G07
NOISE FIGURE
eIN
FREQUENCY (MHz)
1
250
200
150
100
50
0
225
175
125
75
25
100
80
60
40
20
–80
–60
–40
–20
0
–100
10
100
1000
640120 G05
ZIN
ZOUT
ZIN
ZOUT
PHASE
IMPEDANCE MAGNITUDE
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1000
3000
640120 G04
S11
S22
S12
TEST CIRCUIT B
TYPICAL PERFORMANCE CHARACTERISTICS
Input and Output Reflection and
Reverse Isolation vs Frequency
Input and Output Impedance vs
Frequency
PSRR and CMRR vs Frequency
Overdrive Transient Response
1% Settling Time for 2V
Output Step
Noise Figure and Input Referred
Noise Voltage vs Frequency
Small Signal Transient Response
Large Signal Transient Response
FREQUENCY (MHz)
1
100
90
80
70
60
50
40
30
0
10
20
10
100
1000
640120 G06
PSRR
CMRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com