Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6232
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology LT6232 Datasheet HTML 12Page - Linear Technology LT6232 Datasheet HTML 13Page - Linear Technology LT6232 Datasheet HTML 14Page - Linear Technology LT6232 Datasheet HTML 15Page - Linear Technology LT6232 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6401-20
16
640120f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0907 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
High-Speed Differential Amplifiers/Differential Op Amps
LT1993-2
800MHz Differential Amplifier/ADC Driver
AV = 2V/V, OIP3 = 38dBm at 70MHz
LT1993-4
900MHz Differential Amplifier/ADC Driver
AV = 4V/V, OIP3 = 40dBm at 70MHz
LT1993-10
700MHz Differential Amplifier/ADC Driver
AV = 10V/V, OIP3 = 40dBm at 70MHz
LT1994
Low Noise, Low Distortion Differential Op Amp
16-Bit SNR and SFDR at 1MHz, Rail-to-Rail Outputs
LT5514
Ultralow Distortion IF Amplifier/ADC Driver with Digitally
Controlled Gain
OIP3 = 47dBm at 100MHz, Gain Control Range 10.5dB to 33dB
LT5524
Low Distortion IF Amplifier/ADC Driver with Digitally
Controlled Gain
OIP3 = 40dBm at 100MHz, Gain Control Range 4.5dB to 37dB
LTC6400-20
1.8GHz Low Noise, Low Distortion, Differential ADC Driver
AV = 20dB, 90mA Supply Current, IMD3 = –65dBc at 300MHz
LT6402-6
300MHz Differential Amplifier/ADC Driver
AV = 6dB, Distortion < –80dBc at 25MHz
LT6402-12
300MHz Differential Amplifier/ADC Driver
AV = 12dB, Distortion < –80dBc at 25MHz
LT6402-20
300MHz Differential Amplifier/ADC Driver
AV = 20dB, Distortion < –80dBc at 25MHz
LTC6406
3GHz Rail-to-Rail Input Differential Op Amp
1.6nV/√Hz Noise, –72dBc Distortion at 50MHz, 18mA
LT6411
Low Power Differential ADC Driver/Dual Selectable Gain
Amplifier
16mA Supply Current, IMD3 = –83dBc at 70MHz, AV = 1, –1 or 2
High-Speed Single-Ended Output Op Amps
LT1812/LT1813/
LT1814
High Slew Rate Low Cost Single/Dual/Quad Op Amps
8nV/√Hz Noise, 750V/μs, 3mA Supply Current
LT1815/LT1816/
LT1817
Very High Slew Rate Low Cost Single/Dual/Quad Op Amps
6nV/√Hz Noise, 1500V/μs, 6.5mA Supply Current
LT1818/LT1819
Ultra High Slew Rate Low Cost Single/Dual Op Amps
6nV/√Hz Noise, 2500V/μs, 9mA Supply Current
LT6200/LT6201
Rail-to-Rail Input and Output Low Noise Single/Dual Op Amps
0.95nV/√Hz Noise, 165MHz GBW, Distortion = –80dBc at 1MHz
LT6202/LT6203/
LT6204
Rail-to-Rail Input and Output Low Noise Single/Dual/Quad
Op Amps
1.9nV/√Hz Noise, 3mA Supply Current, 100MHz GBW
LT6230/LT6231/
LT6232
Rail-to-Rail Output Low Noise Single/Dual/Quad Op Amps
1.1nV/√Hz Noise, 3.5mA Supply Current, 215MHz GBW
LT6233/LT6234/
LT6235
Rail-to-Rail Output Low Noise Single/Dual/Quad Op Amps
1.9nV/√Hz Noise, 1.2mA Supply Current, 60MHz GBW
Integrated Filters
LTC1562-2
Very Low Noise, 8th Order Filter Building Block
Lowpass and Bandpass Filters up to 300kHz
LT1568
Very Low Noise, 4th Order Filter Building Block
Lowpass and Bandpass Filters up to 10MHz
LTC1569-7
Linear Phase, Tunable 10th Order Lowpass Filter
Single-Resistor Programmable Cut-Off to 300kHz
LT6600-2.5
Very Low Noise Differential 2.5MHz Lowpass Filter
SNR = 86dB at 3V Supply, 4th Order Filter
LT6600-5
Very Low Noise Differential 5MHz Lowpass Filter
SNR = 82dB at 3V Supply, 4th Order Filter
LT6600-10
Very Low Noise Differential 10MHz Lowpass Filter
SNR = 82dB at 3V Supply, 4th Order Filter
LT6600-15
Very Low Noise Differential 15MHz Lowpass Filter
SNR = 76dB at 3V Supply, 4th Order Filter
LT6600-20
Very Low Noise Differential 20MHz Lowpass Filter
SNR = 76dB at 3V Supply, 4th Order Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com