Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 14
Electrical Characteristics
Freescale Semiconductor
26
2.5.5.2
CLKIN to CLKOUT Skew
Table 17 describes the CLKOUT-to-CLKIN skew timing.
For designs that use the CLKOUT synchronization mode, use the skew values listed in Table 16 to adjust the rise-to-fall timing
values specified for CLKIN synchronization. Figure 12 shows the relationship between the CLKOUT and CLKIN timings.
Table 16. CLKOUT Skew
No.
Characteristic
Min1
Max1
Units
20
Rise-to-rise skew
•VDD = 1.1 V
•VDD = 1.2 V
0.0
0.0
0.95
0.85
ns
ns
21
Fall-to-fall skew
•VDD = 1.1 V
•VDD = 1.2 V
–1.5
–0.8
1.0
1.0
ns
ns
22
CLKOUT phase (1.2 V, 133 MHz)
•
Phase high
•
Phase low
2.8
2.8
—
—
ns
ns
23
CLKOUT phase (1.1 V, 133 MHz)
•
Phase high
•
Phase low
2.2
2.2
—
—
ns
ns
24
CLKOUT phase (1.1 V, 100 MHz)
•
Phase high
•
Phase low
3.3
3.3
—
—
ns
ns
Notes:
1.
A positive number indicates that CLKOUT precedes CLKIN, A negative number indicates that CLKOUT follows CLKIN.
2.
Skews are measured in clock mode 29, with a CLKIN:CLKOUT ratio of 1:1. The same skew is valid for all clock modes.
3.
CLKOUT skews are measured using a load of 10 pF.
4.
CLKOUT skews and phase are not measured for 500/166 Mhz parts because these parts only use CLKIN mode.
Figure 12. CLKOUT and CLKIN Signals.
CLKIN
CLKOUT
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com