Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
36
2.5.10.4
SMII Mode
2.5.11
GPIO Timing
Table 27. SMII Mode Signal Timing
No.
Characteristics
Min
Max
Unit
808
ETHSYNC_IN, ETHRXD to ETHCLOCK rising edge set-up time
1.0
—
ns
809
ETHCLOCK rising edge to ETHSYNC_IN, ETHRXD hold time
1.0
—
ns
810
ETHCLOCK rising edge to ETHSYNC, ETHTXD output delay
•
1.1 V core.
•
1.2 V core.
1.51
1.51
6.02
5.02
ns
ns
Notes:
1.
Measured using a 5 pF load.
2.
Measured using a 15 pF load.
Figure 26. SMII Mode Signal Timing
Table 28. GPIO Timing
No.
Characteristics
Ref = CLKIN
Ref = CLKOUT
(1.2 V only)
Unit
Min
Max
Min
Max
601
REFCLK edge to GPIO out valid (GPIO out delay time)
—
6.1
—
6.9
ns
602
REFCLK edge to GPIO out not valid (GPIO out hold time)
1.1
—
1.3
—
ns
603
REFCLK edge to high impedance on GPIO out
—
5.4
—
6.2
ns
604
GPIO in valid to REFCLK edge (GPIO in set-up time)
3.5
—
3.7
—
ns
605
REFCLK edge to GPIO in not valid (GPIO in hold time)
0.5
—
0.5
—
ns
Valid
ETHCLOCK
ETHSYNC_IN
ETHRXD
ETHSYNC
ETHTXD
Valid
Valid
810
809
808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com