Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 14
Freescale Semiconductor
34
2.5.9
Timer Timing
2.5.10
Ethernet Timing
2.5.10.1
Management Interface Timing
Table 23. Timer Timing
No.
Characteristics
Ref = CLKIN
Unit
Min
Max
500
TIMERx frequency
10.0
—
ns
501
TIMERx Input high period
4.0
—
ns
502
TIMERx Output low period
4.0
—
ns
503
TIMERx Propagations delay from its clock input
•1.1 V core
•1.2 V core
3.1
2.8
9.5
8.1
ns
ns
Figure 22. Timer Timing
Table 24. Ethernet Controller Management Interface Timing
No.
Characteristics
Min
Max
Unit
801
ETHMDIO to ETHMDC rising edge set-up time
10
—
ns
802
ETHMDC rising edge to ETHMDIO hold time
10
—
ns
Figure 23. MDIO Timing Relationship to MDC
500
502
501
TIMERx (Input)
TIMERx (Output)
503
Valid
ETHMDC
ETHMDIO
802
801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com