Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 48Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 14
Package Information
Freescale Semiconductor
44
5
Package Information
6
Product Documentation
•
MSC8122 Technical Data Sheet (MSC8122). Details the signals, AC/DC characteristics, clock signal characteristics,
package and pinout, and electrical design considerations of the MSC8122 device.
•
MSC8122 Reference Manual (MSC8122RM). Includes functional descriptions of the extended cores and all the
internal subsystems including configuration and programming information.
•
Application Notes. Cover various programming topics related to the StarCore DSP core and the MSC8122 device.
•
SC140 DSP Core Reference Manual. Covers the SC3400 core architecture, control registers, clock registers, program
control, and instruction set.
Figure 35. MSC8122 Mechanical Information, 431-pin FC-PBGA Package
Notes:
1. All dimensions in millimeters.
2. Dimensioning and tolerancing
per ASME Y14.5M–1994.
3. Features are symmetrical about
the package center lines unless
dimensioned otherwise.
4. Maximum solder ball diameter
measured parallel to Datum A.
5. Datum A, the seating plane, is
determined by the spherical
crowns of the solder balls.
6. Parallelism measurement shall
exclude any effect of mark on
top surface of package.
7. Capacitors may not be present
on all devices.
8. Caution must be taken not to
short capacitors or exposed
metal capacitor pads on
package top.
9. FC CBGA (Ceramic) package
code: 5238.
FC PBGA (Plastic) package
code: 5263.
10.Pin 1 indicator can be in the
form of number 1 marking or an
“L” shape marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com